Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4525C Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC4525C
Description  28V 3A Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525C Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC4525C Datasheet HTML 14Page - Semtech Corporation SC4525C Datasheet HTML 15Page - Semtech Corporation SC4525C Datasheet HTML 16Page - Semtech Corporation SC4525C Datasheet HTML 17Page - Semtech Corporation SC4525C Datasheet HTML 18Page - Semtech Corporation SC4525C Datasheet HTML 19Page - Semtech Corporation SC4525C Datasheet HTML 20Page - Semtech Corporation SC4525C Datasheet HTML 21Page - Semtech Corporation SC4525C Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Contact Information
Semtech Corporation
Power Mangement Products Division
200 Flynn Road, Camarillo, CA 9302
Phone: (805) 498-2 Fax: (805) 498-3804
SC4525C
22
© Semtech 20
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner.
The information presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its
use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property
rights. Semtech assumes no responsibility or liability whatsoever for any failure or unexpected operation resulting from
misuse, neglect improper installation, repair or improper handling or unusual physical or electrical stress including, but
not limited to, exposure to parameters beyond the specified maximum ratings or operation outside the specified range.
SEMTECHPRODUCTSARENOTDESIGNED,INTENDED,AUTHORIZEDORWARRANTEDTOBESUITABLEFORUSEINLIFE-SUPPORT
APPLICATIONS, DEVICES OR SYSTEMS OR OTHER CRITICAL APPLICATIONS. INCLUSION OF SEMTECH PRODUCTS IN SUCH AP-
PLICATIONSISUNDERSTOODTOBEUNDERTAKENSOLELYATTHECUSTOMER’SOWNRISK.Shouldacustomerpurchaseoruse
Semtechproductsforanysuchunauthorizedapplication,thecustomershallindemnifyandholdSemtechanditsofficers,em-
ployees,subsidiaries,affiliates,anddistributorsharmlessagainstallclaims,costsdamagesandattorneyfeeswhichcouldarise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com