Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8563 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCF8563_V01 Datasheet HTML 23Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 24Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 25Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 26Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 27Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 28Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 29Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 30Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
27 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
11. Limiting values
[1]
Pass level; Human Body Model (HBM), according to Ref. 5 “JESD22-A114”.
[2]
Pass level; Charged-Device Model (CDM), according to Ref. 6 “JESD22-C101”.
[3]
Pass level; latch-up testing according to Ref. 7 “JESD78” at maximum ambient temperature (Tamb(max)).
[4]
According to the NXP store and transport requirements (see Ref. 9 “UM10569”) the devices should be stored at a temperature of +8
C
to +45
C and a humidity of 25 % to 75 %. For long term storage products deviant conditions are described in that document.
Table 28.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+6.5
V
IDD
supply current
50
+50
mA
VI
input voltage
on pins SCL, SDA,
and OSCI
0.5
+6.5
V
VO
output voltage
on pins CLKOUT and INT
0.5
+6.5
V
II
input current
at any input
10
+10
mA
IO
output current
at any output
10
+10
mA
Ptot
total power dissipation
-
300
mW
VESD
electrostatic discharge voltage
HBM
HVSON10 (PCF8563BS/4)
[1] -
3500
V
SO8 (PCF8563T/F4)
[1]
TSSOP8 (PCF8563TS/4)
[1]
SO8 (PCF8563T/5)
[1] -
-
-
-
-
-
2000
V
TSSOP8 (PCF8563TS/5)
[1]
CDM
HVSON10 (PCF8563BS/4)
[2]
2000
V
SO8 (PCF8563T/F4)
[2]
1000
V
SO8 (PCF8563T/5)
[2]
1500
V
TSSOP8 (PCF8563TS/4)
[2]
1500
V
TSSOP8 (PCF8563TS/5)
[2]
1750
V
Ilu
latch-up current
[3] -200
mA
Tstg
storage temperature
[4]
65
+150
C
Tamb
ambient temperature
operating device
40
+85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com