Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8563 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8563
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8563_V01 Datasheet HTML 24Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 25Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 26Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 27Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 28Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 29Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 30Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 31Page - NXP Semiconductors PCF8563_V01 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
28 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
12. Static characteristics
Table 29.
Static characteristics
VDD = 1.8 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C; fosc = 32.768 kHz; quartz Rs =40 k; CL = 8 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
interface inactive;
fSCL =0Hz;
Tamb =25 C
[1] 1.0
-
5.5
V
interface active;
fSCL = 400 kHz
1.8
-
5.5
V
clock data integrity;
Tamb =25 C
Vlow
-5.5
V
IDD
supply current
interface active
fSCL = 400 kHz
--800
A
fSCL = 100 kHz
--200
A
interface inactive (fSCL = 0 Hz); CLKOUT
disabled; Tamb =25 C
[2]
VDD = 5.0 V
-
275
550
nA
VDD = 3.0 V
-
250
500
nA
VDD = 2.0 V
-
225
450
nA
interface inactive (fSCL = 0 Hz); CLKOUT
disabled; Tamb = 40 Cto +85 C
[2]
VDD = 5.0 V
-
500
750
nA
VDD = 3.0 V
-
400
650
nA
VDD = 2.0 V
-
400
600
nA
interface inactive (fSCL = 0 Hz); CLKOUT
enabled at 32 kHz; Tamb =25 C
[2]
VDD = 5.0 V
-
825
1600
nA
VDD = 3.0 V
-
550
1000
nA
VDD = 2.0 V
-
425
800
nA
interface inactive (fSCL = 0 Hz); CLKOUT
enabled at 32 kHz; Tamb = 40 Cto +85 C
[2]
VDD = 5.0 V
-
950
1700
nA
VDD = 3.0 V
-
650
1100
nA
VDD = 2.0 V
-
500
900
nA
Inputs
VIL
LOW-level input
voltage
0.5
-
+0.3VDD V
VIH
HIGH-level
input voltage
0.7VDD
-5.5
V
ILI
input leakage
current
VI =VDD or VSS
10
+1
A
Ci
input
capacitance
[3] --7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com