Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3556 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3556
Description  LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3556 Datasheet(HTML) 1 Page - Texas Instruments

  LM3556 Datasheet HTML 1Page - Texas Instruments LM3556 Datasheet HTML 2Page - Texas Instruments LM3556 Datasheet HTML 3Page - Texas Instruments LM3556 Datasheet HTML 4Page - Texas Instruments LM3556 Datasheet HTML 5Page - Texas Instruments LM3556 Datasheet HTML 6Page - Texas Instruments LM3556 Datasheet HTML 7Page - Texas Instruments LM3556 Datasheet HTML 8Page - Texas Instruments LM3556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
IN
OUT
TEMP
SW
ENABLE
TORCH
TX
SDA
SCL
GND
1 PH
10 PF
10 PF
STROBE
LED
Flash
LED
2.5 V to 5.5 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3556
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
1 Features
3 Description
The LM3556 is a 4-MHz fixed-frequency synchronous
1
•
Grounded Cathode LED Operation for Improved
boost converter plus 1.5-A constant current driver for
Thermal Management
a high-current white LED. The high-side current
•
1.5-A High-Side Current Source for Single LED
source allows for grounded cathode LED operation
•
Accurate and Programmable LED Current from
providing flash current up to 1.5 A. An adaptive
regulation
method
ensures
the
current
source
46.9 mA to 1.5 A
remains in regulation and maximizes efficiency.
•
> 85% Efficiency in Torch Mode (at 100 mA) and
Flash Mode (at 1 A to 1.5 A)
The LM3556 is controlled via an I2C-compatible
interface. Features include: a hardware flash enable
•
Small Solution Size: < 20 mm2
(STROBE) allowing a logic input to trigger the flash
•
LED Thermal Sensing and Current Scale-Back
pulse, a hardware torch enable (TORCH) for Movie
•
Soft-Start Operation for Battery Protection
Mode or flashlight functions, a TX input which forces
the flash pulse into a low-current Torch Mode
•
Hardware Enable Pin
allowing for synchronization to RF power amplifier
•
Hardware Torch Enable
events or other high-current conditions, and an
•
Hardware Strobe Enable
integrated comparator designed to monitor an NTC
•
Synchronization Input for RF Power Amplifier
thermistor and provide an interrupt to the LED
current. With a fast 1-
μs transition from 0 mA to
Pulse Events
46.9 mA, the TORCH input pin can be used to
•
VIN Flash Monitor Optimization
develop custom LED current waveforms.
•
400-kHz I2C-Compatible Interface
The
4-MHz
switching
frequency,
overvoltage
•
I2C-Compatible Programmable NTC Trip Point
protection and adjustable current limit allow for the
•
0.4-mm Pitch, 16-Pin DSBGA Package
use of tiny, low-profile inductors and 10-µF ceramic
capacitors. The device is operates over a
−40°C to
2 Applications
+85°C temperature range.
Camera Phone LED Flash
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3556
DSBGA (16)
1.69 mm × 1.64 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
1Mb / 31P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3556TME TI1-LM3556TME Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3556TME/NOPB TI1-LM3556TME/NOPB Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
More results

Similar Description - LM3556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
Synchronous Boost LED Flash Driver
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com