Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3556 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM3556
Description  LM3556 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3556 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3556 Datasheet HTML 7Page - Texas Instruments LM3556 Datasheet HTML 8Page - Texas Instruments LM3556 Datasheet HTML 9Page - Texas Instruments LM3556 Datasheet HTML 10Page - Texas Instruments LM3556 Datasheet HTML 11Page - Texas Instruments LM3556 Datasheet HTML 12Page - Texas Instruments LM3556 Datasheet HTML 13Page - Texas Instruments LM3556 Datasheet HTML 14Page - Texas Instruments LM3556 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
40 s/DIV
VIN
200 mV/
DIV
ILED
200 mA/
DIV
400 s/DIV
500 mA/
DIV
VOUT
2V/DIV
TX
ILED
2V/DIV
1 s/DIV
500 mA/
DIV
VOUT
2V/DIV
TX
ILED
2V/DIV
LM3556
www.ti.com
SNVS796D – AUGUST 2011 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Figure 27. Time Taken for LM3556 to Ramp from Torch to
Figure 26. Impact on LED Current With a TX Event
Flash After TX Event
Figure 28. Transient Plot When VIN Stepped from 3 → 2.9 V
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3556



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com