Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48557TL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM48557TL/NOPB
Description  LM48557 Boomer™ Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48557TL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM48557TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48557TL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
-5
-4
-3
-2
-1
0
0
40
80
120
160
200
CHARGE PUMP LOAD CURRENT (mA)
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
2.5
3
3.5
4
4.5
5
SUPPLY VOLTAGE (V)
0
1
2
3
4
5
6
7
2.5
3
3.5
4
4.5
5
SUPPLY VOLTAGE (V)
f = 10 kHz
f = 1 kHz
-120
+0
-100
-80
-60
-40
-20
20
20k
50 100 200 500
1k 2k
5k 10k
AV = 48 dB
AV = 0 dB
FREQUENCY (Hz)
-60
0
-50
-40
-30
-20
-10
20
20k
50 100 200 500 1k
2k
5k 10k
FREQUENCY (Hz)
LM48557
SNAS486D – JULY 2009 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
CMRR vs Frequency
PSRR vs Frequency
VDD = 4.2V, VRIPPLE = 200mVP-P, AV = 48dB
VDD = 4.2V, VRIPPLE = 200mVP-P
Figure 12.
Figure 13.
Output Voltage vs Supply Voltage
Supply Current vs Supply Voltage
ZL = 1µF + 22Ω, THD+N = 1%
No Load
Figure 14.
Figure 15.
Charge Pump Output Voltage vs Load Current
VDD = 4.2V
Figure 16.
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM48557



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com