Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95071 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM95071
Description  LM95071 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95071 Datasheet(HTML) 2 Page - Texas Instruments

  LM95071 Datasheet HTML 1Page - Texas Instruments LM95071 Datasheet HTML 2Page - Texas Instruments LM95071 Datasheet HTML 3Page - Texas Instruments LM95071 Datasheet HTML 4Page - Texas Instruments LM95071 Datasheet HTML 5Page - Texas Instruments LM95071 Datasheet HTML 6Page - Texas Instruments LM95071 Datasheet HTML 7Page - Texas Instruments LM95071 Datasheet HTML 8Page - Texas Instruments LM95071 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
LM95071
SNIS137G – AUGUST 2004 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: LM95071
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ..................................... 3
6.2
ESD Ratings.............................................................. 3
6.3
Recommended Operating Ratings............................ 4
6.4
Thermal Information .................................................. 4
6.5
Temperature-to-Digital Converter Characteristics..... 4
6.6
Logic Electrical Characteristics - Digital DC
Characteristics ........................................................... 4
6.7
Logic Electrical Characteristics - Serial Bus Digital
Switching Characteristics ........................................... 5
6.8
Timing Diagrams ....................................................... 5
6.9
Typical Characteristics .............................................. 7
7
Parameter Measurement Information .................. 8
8
Detailed Description .............................................. 9
8.1
Overview ................................................................... 9
8.2
Functional Block Diagram ......................................... 9
8.3
Feature Description................................................... 9
8.4
Device Functional Modes........................................ 10
8.5
Programming .......................................................... 10
8.6
Register Maps ......................................................... 12
9
Device and Documentation Support.................. 14
9.1
Receiving Notification of Documentation Updates.. 14
9.2
Community Resource.............................................. 14
9.3
Trademarks ............................................................. 14
9.4
Electrostatic Discharge Caution .............................. 14
9.5
Glossary .................................................................. 14
10
Mechanical, Packaging, and Orderable
Information ........................................................... 14
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (May 2019) to Revision G
Page
•
Changed Temperature Monitor Application graphic ............................................................................................................... 1
Changes from Revision E (December 2018) to Revision F
Page
•
Added the TYPE column to the Pin Functions table ............................................................................................................. 3
•
Changed V(ESD) for CDM from ±200 V to ±250 V .................................................................................................................. 3
Changes from Revision D (September 2013) to Revision E
Page
•
Updated data sheet layout to the latest SDS format ............................................................................................................. 1
•
Moved the automotive device to a standalone data sheet (SNIS207) .................................................................................. 1
•
Added Device Information table, ESD Ratings table, Feature Description section, Device Functional Modes, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section. .............................. 1
•
Changed key graphics on the first page ................................................................................................................................ 1
•
Replaced the Thermal Characteristics table with the Thermal Information table and added new thermal resistance
values .................................................................................................................................................................................... 4
•
Changed Temperature-to-Digital Converter Characteristics tablenote to clarify conversion interval ..................................... 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com