Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95071 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM95071
Description  LM95071 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95071 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM95071 Datasheet HTML 7Page - Texas Instruments LM95071 Datasheet HTML 8Page - Texas Instruments LM95071 Datasheet HTML 9Page - Texas Instruments LM95071 Datasheet HTML 10Page - Texas Instruments LM95071 Datasheet HTML 11Page - Texas Instruments LM95071 Datasheet HTML 12Page - Texas Instruments LM95071 Datasheet HTML 13Page - Texas Instruments LM95071 Datasheet HTML 14Page - Texas Instruments LM95071 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
1
8
SC
CS
SO
D14
D15
1
8
D2
D7
TRI-STATE
1
8
SC
CS
SO
D8
D14
D15
11
LM95071
www.ti.com
SNIS137G – AUGUST 2004 – REVISED AUGUST 2019
Product Folder Links: LM95071
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Programming (continued)
The receive phase of a communication starts after 16 SC periods. CS can remain low for 32 SC cycles. The
LM95071/LM95071-Q1 will read the data available on the SI/O line on the rising edge of the serial clock. Input
data is to an 8-bit shift register. The part will detect the last eight bits shifted into the register. The receive phase
can last up to 16 SC periods. All ones must be shifted in order to place the part into shutdown. All zeros must be
shifted in order to place the LM95071 into continuous conversion mode. Only the following codes should be
transmitted to the LM95071:
•
00 hex for continuous conversion
•
FF hex for shutdown
Another code may place the part into a test mode. Test modes are used by Texas Instruments to thoroughly test
the function of the LM95071 during production testing. Only eight bits have been defined above since only the
last eight transmitted are detected by the LM95071, before CS is taken HIGH.
The following communication can be used to determine the Manufacturer's/Device ID and then immediately place
the part into continuous conversion mode. With CS continuously low:
•
Read 16 bits of temperature data
•
Write 16 bits of data commanding shutdown
•
Read 16 bits of Manufacture's/Device ID data
•
Write 8 to 16 bits of data commanding Conversion Mode
•
Take CS HIGH.
Note that 228 ms (max) will have to pass for a conversion to complete before the LM95071 actually transmits
temperature data.
8.5.2 Serial Bus Timing Diagrams
Figure 10. Reading Continuous Conversion - Single Eight-Bit Frame
Figure 11. Reading Continuous Conversion - Two Eight-Bit Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com