Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95071CIMF/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM95071CIMF/NOPB
Description  LM95071 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95071CIMF/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM95071CIMF/NOPB Datasheet HTML 1Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 2Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 3Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 4Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 5Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 6Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 7Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 8Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
2
3
4
5
CS
GND
SI/O
SC
VDD
LM95071/
LM95071-Q1
3
LM95071
www.ti.com
SNIS137G – AUGUST 2004 – REVISED AUGUST 2019
Product Folder Links: LM95071
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Function
PIN
TYPE
DESCRIPTION
NO.
NAME
1
CS
Input
Chip Select input. This pin receives an active-low signal from the controller to select the device.
2
GND
Ground
Ground. This is the power and signal ground return.
3
SI/O
Input/Output
Serial Input/Output. This serial, bidirectional, data bus pin transmits and receives signals to and
from the controller. Schmitt trigger input in the input mode.
4
SC
Input
Serial bus clock. This serial clock signal comes from the controller. Schmitt trigger input.
5
VDD
Supply
Positive Supply Voltage. Supply a DC voltage from 2.4V to 5.5V to this pin and bypass with a
0.1-µF ceramic capacitor to ground.
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
Soldering process must comply with Reflow Temperature Profile specifications.
Refer to http://www.ti.com/packaging.
(3)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
(4)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD) the current at that pin should be limited to
5 mA.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
Supply voltage
−0.3
6
V
Voltage at any pin
−0.3
VDD + 0.3
V
Input current at any pin (4)
5
mA
Storage temperature, Tstg
−65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Human body model, 100 pF discharged through a 1.5 kΩ resistor. Machine model, 200 pF discharged directly into each pin.
(3)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(3)
±250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com