Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM95071CIMF/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM95071CIMF/NOPB
Description  LM95071 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM95071CIMF/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM95071CIMF/NOPB Datasheet HTML 6Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 7Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 8Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 9Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 10Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 11Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 12Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 13Page - Texas Instruments LM95071CIMF/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
LM95071
SNIS137G – AUGUST 2004 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: LM95071
Submit Documentation Feedback
Copyright © 2004–2019, Texas Instruments Incorporated
Table 1. Digital Output for Temperature
Data (continued)
Temperature
Digital Output
Binary
Hex
−0.03125°C
1111 1111 1111 1111
FFFF
−25°C
1111 0011 1000 0011
F383
−40°C
1110 1100 0000 0011
EC03
The first data byte is the most significant byte with most significant bit first, permitting only as much data as
necessary to be read to determine temperature condition. For instance, if the first four bits of the temperature
data indicate an overtemperature condition, the host processor could immediately take action to remedy the
excessive temperatures.
8.3.3 Tight Accuracy, Fine Resolution and Low Noise
The LM95071 is well suited for applications that require tight temperature measurement accuracy. In many
applications, from process control to HVAC, the low temperature error can mean better system performance and,
by eliminating a system calibration step, lower production cost.
With fine digital resolution, the LM95071 senses and reports very small changes in its temperature, making it
ideal for applications where temperature sensitivity is important. For example, the LM95071 enables the system
to quickly identify the direction of temperature change, allowing the processor to take compensating action before
the system reaches a critical temperature.
The LM95071 has very low output noise (see Figure 7 in the Typical Characteristics section), which makes it
ideal for applications where stable thermal compensation is a priority. For example, in a temperature-
compensated oscillator application, the very small deviation in successive temperature readings translates to a
stable frequency output from the oscillator.
8.4 Device Functional Modes
8.4.1 Shutdown Mode/Manufacturer ID
The master controller may enable the shutdown mode for the purpose of reducing power consumption or for
reading the Manufacturer/Device ID information. The shutdown mode is enabled by writing XX FF hex to the
LM95071 as shown in Figure 13c. The serial bus is still active when the LM95071 is in shutdown. When in
shutdown mode the LM95071 always will output 1000 0000 0000 1111. This is the Manufacturer/Device ID
information. The first 5-bits of the field (1000 0XXX) are reserved for the manufacturer ID.
8.5 Programming
8.5.1 Serial Bus Interface
The LM95071 operates as a slave and is compatible with SPI or MICROWIRE bus specifications. Data is clocked
out on the falling edge of the serial clock (SC), while data is clocked in on the rising edge of SC. A complete
communication is framed by falling and rising chip select (CS) signal. The CS signal should be held high for at
least one clock cycle (160 ns minimum) between communications. The transmit-only communication (register
read) consists of 16 clock cycles. A complete transmit/receive communication will consist of 32 serial clocks (see
Serial Bus Timing Diagrams). The first 16 clocks comprise the transmit phase of communication, while the
second 16 clocks are the receive phase.
When CS is high SI/O will be in TRI-STATE. Communication should be initiated by taking chip select (CS) low.
This should not be done when SC is changing from a low to high state. Once CS is low the serial I/O pin (SI/O)
will transmit the first bit of data. The master can then read this bit with the rising edge of SC. The remainder of
the data will be clocked out by the falling edge of SC. CS can be taken high at any time during the transmit
phase. If CS is brought low in the middle of a conversion the LM95071 will complete the conversion and the
output shift register will be updated after CS is brought back high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com