Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIMFSBSS123T2 Datasheet(PDF) 2 Page - TT Electronics.

Part # SIMFSBSS123T2
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SIMFSBSS123T2 Datasheet(HTML) 2 Page - TT Electronics.

  SIMFSBSS123T2 Datasheet HTML 1Page - TT Electronics. SIMFSBSS123T2 Datasheet HTML 2Page - TT Electronics. SIMFSBSS123T2 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
N-Channel Enhancement
Mode Power MOSFET
SIMFSBSS123T2
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone:
Fax:
+44 (0) 1455 556565
+44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number:
Issue:
Page:
11507
1
2 of 3
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS = 0
ID = 250µA
100
103
V
VGS(th)
Gate Threshold Voltage
VDS = VGS
ID = 1.0mA
0.8
1.68
2.0
V
IGSS
Gate-Source Leakage Current
VGS = ±20V
VDS = 0
±0.16
±50
nA
IDSS
Zero Gate Voltage
Drain Current
VDS = 20V
VGS = 0
0.003
10
nA
VDS = 100V
VGS = 0
0.017
1.0
μA
TC = 125°C
0.059
60
ID(ON)
(3)
On-State Drain Current
VDS = 5.0V
VGS = 10V
0.68
>1.0
A
RDS(on)
(3)
Static Drain-Source
On-State Resistance
VGS = 4.5V
ID = 0.17A
1.28
10
Ω
VGS = 4.5V
ID = 0.43A
1.3
VGS = 10V
ID = 0.17A
1.19
6.0
TC = 125°C
1.78
12
VGS = 10V
ID = 0.43A
1.2
gfs
(3)
Forward Transconductance
VDS = 10V
ID = 0.17A
80
646
mƱ
VDS = 10V
ID = 0.43A
940
VSD
(3)
Body Diode Forward Voltage
VGS = 0
IS = 0.34A
0.81
1.3
V
VGS = 0
IS = 0.575A
0.88
trr
(4)
Body Diode Reverse Recovery
IF = 0.17A
diF/dt = 100A/µs
11
nS
Qrr
(4)
Body Diode Reverse Recovery
Charge
3
nC
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS = 0
73
pF
Coss
Output Capacitance
VDS = 25V
7
Crss
Reverse Transfer Capacitance
f = 1.0MHz
3.4
td
Turn-On Delay Time
VDD = 30V
3
3.4
ns
tr
Turn-On Rise Time
VGS = 10V
2
18
ts
Turn-Off Storage Time
ID = 0.28A
7
31
tf
Turn-Off Fall Time
RG = 6Ω
2
5
Notes
(1) Limited by maximum junction temperature
(2) 10ms Pulse
(3) Pulse Width ≤ 380us, δ ≤ 2%
(4) By Design. Parameter not tested.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com