Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIMFSBSS123T2 Datasheet(PDF) 3 Page - TT Electronics.

Part # SIMFSBSS123T2
Description  N-Channel Enhancement Mode Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SIMFSBSS123T2 Datasheet(HTML) 3 Page - TT Electronics.

  SIMFSBSS123T2 Datasheet HTML 1Page - TT Electronics. SIMFSBSS123T2 Datasheet HTML 2Page - TT Electronics. SIMFSBSS123T2 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
N-Channel Enhancement
Mode Power MOSFET
SIMFSBSS123T2
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone:
Fax:
+44 (0) 1455 556565
+44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number:
Issue:
Page:
11507
1
3 of 3
MECHANICAL DATA
Dimensions in mm (inches)
Package Outline: TO39 (TO-205AD)
PACKAGE PIN CONNECTIONS
Pin
Connection
1
Source
2
Gate
3 / CASE
Drain
PART NUMBER VARIANTS
Part Number Reference
Termination Finish
SML ROHS
SIMFSBSS123T2A
Pre-tinned 63% Tin, 37% Lead
LD
(3)
SIMFSBSS123T2B
Pre-tinned 96.5% Tin, 3% Silver, 0.5% Copper
R1
(3)
Notes:
1.
Specify lead finish option by part number at point of order
2.
All design variants contain Lead (Pb) within the construction of the device. The Lead content is fully RoHS compliant but using
an exemption as currently understood from the EU directive 2011/65/EU (Annex III, exemption 7a).
3.
LD = e0, R1 = e1, as defined in J-STD-609 2
nd Level Interconnect Category.
1- Body Diode
G
D
S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com