Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK02002 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMK02002
Description  LMK02002 Precision Clock Conditioner with Integrated PLL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMK02002 Datasheet(HTML) 5 Page - Texas Instruments

  LMK02002 Datasheet HTML 1Page - Texas Instruments LMK02002 Datasheet HTML 2Page - Texas Instruments LMK02002 Datasheet HTML 3Page - Texas Instruments LMK02002 Datasheet HTML 4Page - Texas Instruments LMK02002 Datasheet HTML 5Page - Texas Instruments LMK02002 Datasheet HTML 6Page - Texas Instruments LMK02002 Datasheet HTML 7Page - Texas Instruments LMK02002 Datasheet HTML 8Page - Texas Instruments LMK02002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LMK02002
www.ti.com
SNAS418 – AUGUST 2007
Electrical Characteristics
(1) (continued)
(3.15 V
≤ Vcc ≤ 3.45 V, -40 °C ≤ TA ≤ 85 °C, Differential Inputs/Outputs; except as specified. Typical values represent most
likely parametric norms at Vcc = 3.3 V, TA = 25 °C, and at the Recommended Operation Conditions at the time of product
characterization and are not specified).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PLL_CP_GAIN = 1x
-219
PN1Hz
Normalized Phase Noise Contribution(6)
dBc/Hz
PLL_CP_GAIN = 32x
-224
Clock Distribution Section (7) - LVPECL Clock Outputs (CLKout0 to CLKout3)
CLKoutX_MUX =
20
RL = 100 Ω
Bypass
Distribution Path =
CLKoutX_MUX =
JitterADD
Additive RMS Jitter (7)
800 MHz
fs
Divided
Bandwidth =
75
CLKoutX_DIV =
12 kHz to 20 MHz
4
Equal loading and identical clock
tSKEW
CLKoutX to CLKoutY (4)
configuration
-30
±3
30
ps
Termination = 50
Ω to Vcc - 2 V
Vcc -
VOH
Output High Voltage
V
0.98
Termination = 50
Ω to Vcc - 2 V
Vcc -
VOL
Output Low Voltage
CLKoutX output frequency = 200 MHz
V
1.8
VOD
Differential Output Voltage
660
810
965
mV
Digital LVTTL Interfaces (8)
VIH
High-Level Input Voltage
2.0
Vcc
V
VIL
Low-Level Input Voltage
0.8
V
IIH
High-Level Input Current
VIH = Vcc
-5.0
5.0
µA
IIL
Low-Level Input Current
VIL = 0
-40.0
5.0
µA
Vcc -
VOH
High-Level Output Voltage
IOH = +500 µA
V
0.4
VOL
Low-Level Output Voltage
IOL = -500 µA
0.4
V
Digital MICROWIRE Interfaces (9)
VIH
High-Level Input Voltage
1.6
Vcc
V
VIL
Low-Level Input Voltage
0.4
V
IIH
High-Level Input Current
VIH = Vcc
-5.0
5.0
µA
IIL
Low-Level Input Current
VIL = 0
-5.0
5.0
µA
MICROWIRE Timing
tCS
Data to Clock Set Up Time
See Data Input Timing
25
ns
tCH
Data to Clock Hold Time
See Data Input Timing
8
ns
tCWH
Clock Pulse Width High
See Data Input Timing
25
ns
tCWL
Clock Pulse Width Low
See Data Input Timing
25
ns
tES
Clock to Enable Set Up Time
See Data Input Timing
25
ns
tCES
Enable to Clock Set Up Time
See Data Input Timing
25
ns
tEWH
Enable Pulse Width High
See Data Input Timing
25
ns
(6)
A specification in modeling PLL in-band phase noise is the Normalized Phase Noise Contribution, LPLL_flat(f), of the PLL and is defined
as PN1Hz = LPLL_flat(f) – 20log(N) – 10log(fCOMP). LPLL_flat(f) is the single side band phase noise measured at an offset frequency, f, in a
1 Hz Bandwidth and fCOMP is the phase detector frequency of the synthesizer. LPLL_flat(f) contributes to the total noise, L(f). To measure
LPLL_flat(f) the offset frequency, f, must be chosen sufficiently smaller then the loop bandwidth of the PLL, and yet large enough to avoid
a substantial noise contribution from the reference and flicker noise. LPLL_flat(f) can be masked by the reference oscillator performance if
a low power or noisy source is used.
(7)
The Clock Distribution Section includes all parts of the device except the PLL section. Typical Additive Jitter specifications apply to the
clock distribution section only.
(8)
Applies to GOE, LD, and SYNC*.
(9)
Applies to CLKuWire, DATAuWire, and LEuWire.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMK02002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com