Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP91002 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMP91002
Description  LMP91002 Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91002 Datasheet(HTML) 3 Page - Texas Instruments

  LMP91002 Datasheet HTML 1Page - Texas Instruments LMP91002 Datasheet HTML 2Page - Texas Instruments LMP91002 Datasheet HTML 3Page - Texas Instruments LMP91002 Datasheet HTML 4Page - Texas Instruments LMP91002 Datasheet HTML 5Page - Texas Instruments LMP91002 Datasheet HTML 6Page - Texas Instruments LMP91002 Datasheet HTML 7Page - Texas Instruments LMP91002 Datasheet HTML 8Page - Texas Instruments LMP91002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
DGND
CE
1
14
RE
MENB
SCL
WE
VREF
SDA
NC
C1
C2
VDD
7
8
AGND
VOUT
DAP
LMP91002
www.ti.com
SNIS163B – APRIL 2012 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
NHL Package
14-Pin WSON
Top View
Pin Functions(1)
PIN
I/O
DESCRIPTION
NO.
NAME
1
DGND
G
Connect to ground
2
MENB
D
Module Enable. Active Low
3
SCL
D
I2C Clock
4
SDA
D
I2C Data
5
NC
—
Do not connect. Not internally connected
6
VDD
P
Voltage supply
7
AGND
GND
Analog GND
8
VOUT
A
Analog voltage representing sensor output
9
C2
A
Optional External component node 2 for TIA (filter capacitor or gain resistor)
10
C1
A
Optional External component node 1 for TIA (filter capacitor or gain resistor)
11
VREF
A
External Reference voltage input
12
WE
A
Working Electrode of the sensor.
13
RE
A
Reference Electrode of the sensor.
14
CE
A
Counter Electrode of the sensor.
—
DAP
GND
Die attached pad. Connect to GND.
(1)
A = analog, D = digital, P = power, G = GND
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP91002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com