Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP91002 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMP91002
Description  LMP91002 Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP91002 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP91002 Datasheet HTML 6Page - Texas Instruments LMP91002 Datasheet HTML 7Page - Texas Instruments LMP91002 Datasheet HTML 8Page - Texas Instruments LMP91002 Datasheet HTML 9Page - Texas Instruments LMP91002 Datasheet HTML 10Page - Texas Instruments LMP91002 Datasheet HTML 11Page - Texas Instruments LMP91002 Datasheet HTML 12Page - Texas Instruments LMP91002 Datasheet HTML 13Page - Texas Instruments LMP91002 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
RE
CE
WE
CE
WE
RE
3-Lead
Electrochemical
Cell
I2C INTERFACE
AND
CONTROL
REGISTERS
VREF
VDD
AGND
VOUT
C1
SCL
VREF
DIVIDER
C2
SDA
RLoad
DIAGNOSTIC
MENB
DGND
A1
+
-
TIA
+
-
RTIA
LMP91002
LMP91002
SNIS163B – APRIL 2012 – REVISED OCTOBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LMP91002 is a programmable AFE for use in micropower chemical sensing applications. The LMP91002 is
designed for 3-lead non-biased gas sensors and for 2 leads galvanic cell. This device provides all of the
functionality for detecting changes in gas concentration based on a delta current at the working electrode. The
LMP91002 generates an output voltage proportional to the cell current. Transimpedance gain is user
programmable through an I2C compatible interface from 2.75k
Ω to 350kΩ making it easy to convert current
ranges from 5µA to 750µA full scale. Optimized for micro-power applications, the LMP91002 AFE works over a
voltage range of 2.7V to 3.6 V. The cell voltage is user selectable using the on board programmability. In
addition, it is possible to connect an external transimpedance gain resistor. Depending on the configuration, total
current consumption for the device can be less than 10µA. For power savings, the transimpedance amplifier can
be turned off and instead a load impedance equivalent to the TIA’s inputs impedance is switched in.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Potentiostat Circuitry
The core of the LMP91002 is a potentiostat circuit. It consists of a differential input amplifier used to compare the
potential between the working and reference electrodes to a zero bias potential.. The error signal is amplified and
applied to the counter electrode (through the Control Amplifier - A1). Any changes in the impedance between
the working and reference electrodes will cause a change in the voltage applied to the counter electrode, in order
to maintain the constant voltage between working and reference electrodes. A Transimpedance Amplifier
connected to the working electrode, is used to provide an output voltage that is proportional to the cell current.
The working electrode is held at virtual ground (Internal ground) by the transimpedance amplifier. The
potentiostat will compare the reference voltage to the desired bias potential and adjust the voltage at the counter
electrode to maintain the proper working-to-reference voltage.
7.3.2 Transimpedance Amplifier
The transimpedance amplifier (TIA in Functional Block Diagram) has 7 programmable internal gain resistors. This
accommodates the full scale ranges of most existing sensors. Moreover an external gain resistor can be
connected to the LMP91002 between C1 and C2 pins. The gain is set through the I2C interface.
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LMP91002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com