Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV1012 Datasheet(PDF) 21 Page - Texas Instruments

Part # LMV1012
Description  LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1012 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMV1012 Datasheet HTML 15Page - Texas Instruments LMV1012 Datasheet HTML 16Page - Texas Instruments LMV1012 Datasheet HTML 17Page - Texas Instruments LMV1012 Datasheet HTML 18Page - Texas Instruments LMV1012 Datasheet HTML 19Page - Texas Instruments LMV1012 Datasheet HTML 20Page - Texas Instruments LMV1012 Datasheet HTML 21Page - Texas Instruments LMV1012 Datasheet HTML 22Page - Texas Instruments LMV1012 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
4X (
0.16)
(
0.16)
METAL
0.05 MAX
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(
0.16)
SOLDER MASK
OPENING
0.05 MIN
(0.5)
(0.5)
4215097/B 07/2016
DSBGA - 0.575 mm max height
YPB0004
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
See Texas Instruments Literature No. SNVA009 (www.ti.com/lit/snva009).
SOLDER MASK DETAILS
NOT TO SCALE
1
2
A
B
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:40X
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com