Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV1012 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMV1012
Description  LMV1012 Analog Series: Pre-Amplified ICs for High Gain 2-Wire Microphones
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1012 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV1012 Datasheet HTML 8Page - Texas Instruments LMV1012 Datasheet HTML 9Page - Texas Instruments LMV1012 Datasheet HTML 10Page - Texas Instruments LMV1012 Datasheet HTML 11Page - Texas Instruments LMV1012 Datasheet HTML 12Page - Texas Instruments LMV1012 Datasheet HTML 13Page - Texas Instruments LMV1012 Datasheet HTML 14Page - Texas Instruments LMV1012 Datasheet HTML 15Page - Texas Instruments LMV1012 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
10
1k
1M
FREQUENCY (Hz)
-5
5
20
100k
10k
100
15
10
0
VDD = 2.2V
-40°C
25°C
85°C
ABSOLUTE
SOUND
PRESSURE
[dBPa]
-94 dB
SENSITIVITY
[dBV/Pa]
SOUND
PRESSURE
[dB SPL]
VOLTAGE
[dBV]
LMV1012
SNAS194H – NOVEMBER 2002 – REVISED MAY 2013
www.ti.com
Figure 24. dB SPL to dBV Conversion
Example: Busy traffic is 70 dB SPL
VOUT = 70 −94 −44 = −68 dBV
(4)
This is equivalent to 1.13 mVPP
Since the LMV1012-15 has a gain of 6 (15.6 dB) over the JFET, the output voltage of the microphone is 6.78
mVPP. By implementing the LMV1012-15, the sensitivity of the microphone is -28.4 dBV/Pa (−44 + 15.6).
LOW FREQUENCY CUT OFF FILTER
To reduce noise on the output of the microphone a low frequency cut off filter has been implemented. This filter
reduces the effect of wind and handling noise.
It's also helpful to reduce the proximity effect in directional microphones. This effect occurs when the sound
source is very close to the microphone. The lower frequencies are amplified which gives a bass sound. This
amplification can cause an overload, which results in a distortion of the signal.
Figure 25. LMV1012-15 Gain vs. Frequency Over Temperature
The LMV1012 is optimized to be used in audio band applications. By using the LMV1012, the gain response is
flat within the audio band and has linearity and temperature stability (see Figure 25).
12
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMV1012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com