Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2983 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP2983
Description  LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2983 Datasheet(HTML) 3 Page - Texas Instruments

  LP2983 Datasheet HTML 1Page - Texas Instruments LP2983 Datasheet HTML 2Page - Texas Instruments LP2983 Datasheet HTML 3Page - Texas Instruments LP2983 Datasheet HTML 4Page - Texas Instruments LP2983 Datasheet HTML 5Page - Texas Instruments LP2983 Datasheet HTML 6Page - Texas Instruments LP2983 Datasheet HTML 7Page - Texas Instruments LP2983 Datasheet HTML 8Page - Texas Instruments LP2983 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
LP2983
www.ti.com
SNVS170D – OCTOBER 2001 – REVISED APRIL 2016
Product Folder Links: LP2983
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NUMBER
NAME
1
IN
Input
Input voltage
2
GND
—
Common ground (device substrate)
3
ON/OFF
Input
Logic high enable input
4
ESR
—
Low side connection for low-ESR output capacitors
5
OUT
Output
Regulated output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com