Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2983 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2983
Description  LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2983 Datasheet(HTML) 4 Page - Texas Instruments

  LP2983 Datasheet HTML 1Page - Texas Instruments LP2983 Datasheet HTML 2Page - Texas Instruments LP2983 Datasheet HTML 3Page - Texas Instruments LP2983 Datasheet HTML 4Page - Texas Instruments LP2983 Datasheet HTML 5Page - Texas Instruments LP2983 Datasheet HTML 6Page - Texas Instruments LP2983 Datasheet HTML 7Page - Texas Instruments LP2983 Datasheet HTML 8Page - Texas Instruments LP2983 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
LP2983
SNVS170D – OCTOBER 2001 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP2983
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2983 output must be diode-clamped to
ground.
(3)
The output PNP structure contains a diode between the IN and OUT pins that is normally reverse-biased. Reversing the polarity from
VIN to VOUT turn on this diode (See Reverse Input-Output Voltage).
(4)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal
resistance, RθJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using P(MAX) = (TJ(MAX) – TA) / RθJA. The value of RθJA for the SOT-23 package varies depending on the application board — the value
given inThermal Information can be considered as the worstcase scenario. Exceeding the maximum allowable power dissipation causes
excessive die temperature, and the regulator will go into thermal shutdown.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input supply voltage (survival)
−0.3
16
V
Input supply voltage (operating)
2.3
16
V
Shutdown input voltage (survival)
−0.3
16
V
Output voltage (survival)(2)
−0.3
9
V
IOUT (survival)
Short-circuit protected
Input-output voltage (survival)(3)
−0.3
16
V
Operating junction temperature
−40
125
°C
Power dissipation(4)
Internally limited
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (all pins
except pin 3)(1)
±2000
V
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001 (pin 3) (1)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating junction temperature
−40
125
°C
Input supply voltage (operating)
2.2
16
V
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
Thermal resistance value RθJA is based on the EIA/JEDEC High-K printed circuit board defined by: JESD51-7 - High Effective Thermal
Conductivity Test Board for Leaded Surface Mount Packages.
6.4 Thermal Information
THERMAL METRIC(1)
LP2983
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance, High-K(2)
169.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
121.8
°C/W
RθJB
Junction-to-board thermal resistance
29.5
°C/W
ψJT
Junction-to-top characterization parameter
16.1
°C/W
ψJB
Junction-to-board characterization parameter
29.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com