Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3990 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP3990
Description  LP3990 150-mA Linear Voltage Regulator for Digital Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3990 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3990 Datasheet HTML 3Page - Texas Instruments LP3990 Datasheet HTML 4Page - Texas Instruments LP3990 Datasheet HTML 5Page - Texas Instruments LP3990 Datasheet HTML 6Page - Texas Instruments LP3990 Datasheet HTML 7Page - Texas Instruments LP3990 Datasheet HTML 8Page - Texas Instruments LP3990 Datasheet HTML 9Page - Texas Instruments LP3990 Datasheet HTML 10Page - Texas Instruments LP3990 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN
TJ = 125°C
TJ = 25°C
TJ = -40°C
20
30
40
50
60
70
80
90
100
TIME (100 2s/DIV)
800
VIN = 2.5V
600
400
200
0
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN
20
30
40
50
60
70
80
90
100
TJ = 125°C
TJ = 25°C
TJ = -40°C
2
2.5
3
3.5
4
4.5
5
5.5
6
VIN
TJ = 125°C
TJ = 25°C
20
30
40
50
60
70
80
90
100
TJ = -40°C
0
50
75
100
125
150
LOAD CURRENT (mA)
0
10
20
30
40
50
80
TJ = 125°C
TJ = 25°C
TJ = -40°C
25
60
70
-40
-25
0
25
50
75
100
125
TEMPERATURE (°C)
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
LP3990
www.ti.com
SNVS251J – MAY 2004 – REVISED SEPTEMBER 2014
6.8 Typical Performance Characteristics
Unless otherwise specified, CIN = 1 µF ceramic, COUT = 0.47 µF ceramic, VIN = VOUT(NOM) + 1 V, TA = 25°C, VOUT(NOM) = 1.5 V;
VEN = VIN.
Figure 1. Output Voltage Change vs Temperature
Figure 2. Ground Current vs Load Current
ILOAD = 0 mA
ILOAD = 1 mA
Figure 3. Ground Current vs VIN
Figure 4. Ground Current vs VIN
ILOAD = 150 mA
Figure 6. Short Circuit Current
Figure 5. Ground Current vs VIN
Copyright © 2004–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com