Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3990 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP3990
Description  LP3990 150-mA Linear Voltage Regulator for Digital Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3990 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP3990 Datasheet HTML 4Page - Texas Instruments LP3990 Datasheet HTML 5Page - Texas Instruments LP3990 Datasheet HTML 6Page - Texas Instruments LP3990 Datasheet HTML 7Page - Texas Instruments LP3990 Datasheet HTML 8Page - Texas Instruments LP3990 Datasheet HTML 9Page - Texas Instruments LP3990 Datasheet HTML 10Page - Texas Instruments LP3990 Datasheet HTML 11Page - Texas Instruments LP3990 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
1
0.1
10
100
FREQUENCY (kHz)
0.01
0.1
1
10
VOUT = 1.5V
VOUT = 3.3V
TIME (50 2s/DIV)
IL = 1 mA
100
1k
10k
100k
1M
FREQUENCY (Hz)
IL = 1 mA
COUT = 0.47 2F
COUT = 1 2F
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
100k
1M
FREQUENCY (Hz)
ILOAD = 150 mA
COUT = 1 2F
COUT = 0.47 2F
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
TIME (100 2s/DIV)
800
VIN = 6V
600
400
200
0
TIME (100 2s/DIV)
3.1
2.5
CIN = 1 2F
COUT = 0.47 2F
IL = 1 to 150 mA
LP3990
SNVS251J – MAY 2004 – REVISED SEPTEMBER 2014
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, CIN = 1 µF ceramic, COUT = 0.47 µF ceramic, VIN = VOUT(NOM) + 1 V, TA = 25°C, VOUT(NOM) = 1.5 V;
VEN = VIN.
Figure 7. Short Circuit Current
Figure 8. Line Transient
Figure 10. Power Supply Rejection Ratio
Figure 9. Power Supply Rejection Ratio
Figure 11. Enable Start-Up Time
Figure 12. Noise Density
8
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LP3990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com