Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8720 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP8720
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8720 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP8720 Datasheet HTML 5Page - Texas Instruments LP8720 Datasheet HTML 6Page - Texas Instruments LP8720 Datasheet HTML 7Page - Texas Instruments LP8720 Datasheet HTML 8Page - Texas Instruments LP8720 Datasheet HTML 9Page - Texas Instruments LP8720 Datasheet HTML 10Page - Texas Instruments LP8720 Datasheet HTML 11Page - Texas Instruments LP8720 Datasheet HTML 12Page - Texas Instruments LP8720 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LP8720
www.ti.com
SNVS575B – JULY 2008 – REVISED MAY 2013
Thermal Shutdown
The Thermal Shutdown (TSD) function monitors the chip temperature to protect the chip from temperature
damage caused eg. by excessive power dissipation. The temperature monitoring function has two threshold
values, TSD and TSD_EW, that result in protective actions.
When TSD_EW +125ºC is exceeded, IRQ_N is set to low, and “1” is written to the TSD_EW bit in both the
STATUS register and in INTERRUPT register.
If the temperature exceeds TSD +160ºC, then PMU initiates Emergency Shutdown.
The POWER-UP operation after Thermal Shutdown can be initiated only after the chip has cooled down to the
+115ºC threshold.
Parameter
Typ
Unit
TSD(1)
160
°C
TSD_EW(1)
125
°C
TSD_EW Hysteresis(1)
10
°C
(1)
Ensured by design.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Absolute Maximum Ratings
(1) (2) (3)
VBATT = VINB, VBATT
-0.3V to +6V
VIN1, VIN2
-0.3V to VBATT+0.15V, max 6V
All other pins
-0.3V to VBATT+0.3V, max 6V
Junction Temperature (TJ-MAX)
150ºC
Storage Temperature
-40 to 150ºC
Maximum Continuous Power Dissipation, PD-MAX
(4)
1.75 W
2 kV HBM
ESD(5)
200V MM
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified. Operating Ratings do not imply ensured performance limits. For specified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
All voltages are with respect to the potential at the GND pin.
(4)
The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formula P = (TJ –
TA)/θJA, (eq. 1) where TJ is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal
resistance. The 1.75-W rating appearing under Absolute Maximum Ratings results from substituting the Absolute Maximum junction
temperature, 150ºC for TJ, 70ºC for TA, and 45°C/W for θJA. More power can be dissipated safely at ambient temperatures below 70°C.
Less power can be dissipated safely at ambient temperatures above 70°C. The Absolute Maximum power dissipation can be increased
by 22 mW for each degree below 70°C, and it must be de-rated by 22 mW for each degree above 70ºC.
(5)
The human-body model is 100 pF discharged through 1.5 k
Ω. The machine model is a 200-pF capacitor discharged directly into each
pin, MIL-STD-883 3015.7.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com