Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8720 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP8720
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8720 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP8720 Datasheet HTML 10Page - Texas Instruments LP8720 Datasheet HTML 11Page - Texas Instruments LP8720 Datasheet HTML 12Page - Texas Instruments LP8720 Datasheet HTML 13Page - Texas Instruments LP8720 Datasheet HTML 14Page - Texas Instruments LP8720 Datasheet HTML 15Page - Texas Instruments LP8720 Datasheet HTML 16Page - Texas Instruments LP8720 Datasheet HTML 17Page - Texas Instruments LP8720 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LP8720
SNVS575B – JULY 2008 – REVISED MAY 2013
www.ti.com
Table 12. LDO1, 2, 3 and 5 Output Voltage Programming
Data Code LDOx_V
LDOx [V]
Data Code LDOx_V
LDOx [V]
5h’00
1.20
5h’10
2.10
5h’01
1.25
5h’11
2.20
5h’02
1.30
5h’12
2.30
5h’03
1.35
5h’13
2.40
5h’04
1.40
5h’14
2.50
5h’05
1.45
5h’15
2.60
5h’06
1.50
5h’16
2.65
5h’07
1.55
5h’17
2.70
5h’08
1.60
5h’18
2.75
5h’09
1.65
5h’19
2.80
5h’0A
1.70
5h’1A
2.85
5h’0B
1.75
5h’1B
2.90
5h’0C
1.80
5h’1C
2.95
5h’0D
1.85
5h’1D
3.00
5h’0E
1.90
5h’1E
3.10
5h’0F
2.00
5h’1F
3.30
Table 13. LDO4 Output Voltage Programming
Data Code LDO4_V
LDO4 [V]
Data Code LDO4_V
LDO4 [V]
5h’00
0.80
5h’10
1.75
5h’01
0.85
5h’11
1.80
5h’02
0.90
5h’12
1.85
5h’03
1.00
5h’13
1.90
5h’04
1.10
5h’14
2.00
5h’05
1.20
5h’15
2.10
5h’06
1.25
5h’16
2.20
5h’07
1.30
5h’17
2.30
5h’08
1.35
5h’18
2.40
5h’09
1.40
5h’19
2.50
5h’0A
1.45
5h’1A
2.60
5h’0B
1.50
5h’1B
2.65
5h’0C
1.55
5h’1C
2.70
5h’0D
1.60
5h’1D
2.75
5h’0E
1.65
5h’1E
2.80
5h’0F
1.70
5h’1F
2.85
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com