Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8727 Datasheet(PDF) 22 Page - Texas Instruments

Part # LP8727
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8727 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP8727 Datasheet HTML 18Page - Texas Instruments LP8727 Datasheet HTML 19Page - Texas Instruments LP8727 Datasheet HTML 20Page - Texas Instruments LP8727 Datasheet HTML 21Page - Texas Instruments LP8727 Datasheet HTML 22Page - Texas Instruments LP8727 Datasheet HTML 23Page - Texas Instruments LP8727 Datasheet HTML 24Page - Texas Instruments LP8727 Datasheet HTML 25Page - Texas Instruments LP8727 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
PRE-CHARGE
[CC MODE]
(Max. IBATT = IPRECHG)
Charger Input In-Range (VIN_OV > VBUS > VIN_LV)
AND Wait 40 ms for Charger Services
MAINTENANCE
(IBATT = 0)
Charger Input Out-of-Range
(VBUS > VIN_OV) OR (VBUS < VIN_LV)
CHARGER OFF
(IBATT = 0)
Restart Condition
FULL-RATE CHARGE
[CV MODE]
(VBATT = VTERM)
VBATT > VFULLRATE
Pre-charge Timeout
VBATT < VFULLRATE
EOC Condition OR
Fullrate Charge Timeout
BAD BATTERY
(IBATT = 0)
Charger Settings:
- IPRECHG: 80 mA
- VFULLRATE: 2.6V
- VTERM: 4.2V
- ICHG: 400 mA
- IEOC: 10% of ICHG
Safety Timer:
- Pre-charge: 45 min
FULL-RATE CHARGE
[CC MODE]
(Max. IBATT = ICHG)
VBATT = VTERM
VTERM
IPRECHG
VFULLRATE
Pre-Charge to Full-Rate
Charge Transition
Transition to Constant
Voltage-mode
Charging
Current
End-of-Charge
Full-Rate
Current
Battery Voltage
Maintenance
Mode
TIME
Restart
VRESTART
IEOC
Constant Current
Mode
Pre-Charge
Mode
Constant
Voltage Mode
LP8727
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
www.ti.com
Figure 12. Li-Ion Charging Profile
Figure 13. Charger Operation Diagram
UVLO Operation
UVLO measures system voltages on VBUS and VBAT inputs and compares it to selected voltages. The function
uses 2 comparators. These comparators are combined into UVLO_N state, which can affect startup, cause
shutdown or generate interrupt. UVLO_N state can change on following conditions:
•
If system voltage is lower than UVLO and OPVM, then UVLO_N state is set to '0'; and
22
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com