Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8727 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP8727
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8727 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP8727 Datasheet HTML 7Page - Texas Instruments LP8727 Datasheet HTML 8Page - Texas Instruments LP8727 Datasheet HTML 9Page - Texas Instruments LP8727 Datasheet HTML 10Page - Texas Instruments LP8727 Datasheet HTML 11Page - Texas Instruments LP8727 Datasheet HTML 12Page - Texas Instruments LP8727 Datasheet HTML 13Page - Texas Instruments LP8727 Datasheet HTML 14Page - Texas Instruments LP8727 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LP8727
www.ti.com
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
REGISTER
ADDR
BIT NAME
BIT
POR DEFAULT
DESCRIPTION
NAME
Disable USB charger detection.
USB_DET_DIS
0
1
0: Enable
1: Disable
Enable charger type detection. CHG_TYP will be
automatically set to 0 at the end of detection sequence.
CHG_TYP
1
0
0: Disable
1: Enable
RESERVED
[3:2]
xx
Not used.
Enable internal 100
Ω pull-down resistors on AUD1 and
AUD2.
CP_AUD
4
0
0: Disable
0x02
CONTROL2
1: Enable
Enable microphone low-power mode.
MIC_LP
5
0
0: Disable
1: Enable
Enable interrupt output. When disabled, INT\ output will
be masked and pending interrupts will not be cleared.
INT_EN
6
0
0: Disable
1: Enable
Interrupt polarity setting.
INTPOL
7
0
0: Active low
1: Active high
Set the switch connection to D- pin.
000: D- pin is connected to DN pin.
001: D- pin is connected to U1 pin.
DM1
[2:0]
000
010: D- pin is connected to AUD1 pin.
011: D- pin is connected to C1COMP.
100: D- pin is connected to DN pin regardless of VBUS
101 to 111: Hi-Z
Set the switch connection to D+ pin.
000: D+ pin is connected to DP pin.
0x03
SW CONTROL
001: D+ pin is connected to U2 pin.
DP2
[5:3]
000
010: D+ pin is connected to AUD2 pin.
011: Hi-Z
100: D+ pin is connected to DP pin regardless of VBUS
101 to 111: Hi-Z
Connect MIC pin to ID pin.
MIC_ON
6
0
0: Disable
1: Enable
RESERVED
7
x
Not used.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com