Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA326 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA326
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 22Page - STMicroelectronics STA326 Datasheet HTML 23Page - STMicroelectronics STA326 Datasheet HTML 24Page - STMicroelectronics STA326 Datasheet HTML 25Page - STMicroelectronics STA326 Datasheet HTML 26Page - STMicroelectronics STA326 Datasheet HTML 27Page - STMicroelectronics STA326 Datasheet HTML 28Page - STMicroelectronics STA326 Datasheet HTML 29Page - STMicroelectronics STA326 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
STA326
26/43
7.10 Channel Configuration Registers
7.10.1 Channel 1 Configuration (Address 0Eh)
7.10.2 Channel 2 Configuration (Address 0Fh)
7.10.3 Channel 3 Configuration (Address 10h)
EQ control can be bypassed on a per channel basis. If EQ control is bypassed on a given channel the
prescale and all 9 filters (high-pass, biquads, de-emphasis, bass management cross-over, bass, treble in
any combination) are bypassed for that channel.
CxEQBP:
– 0 Perform EQ on Channel X – normal operation
– 1 Bypass EQ on Channel X
Tone control (bass/treble) can be bypassed on a per channel basis. If tone control is bypassed on a given
channel the two filters that tone control utilizes are bypassed.
CxTCB:
– 0 Perform Tone Control on Channel x – (default operation)
– 1 Bypass Tone Control on Channel x
Each channel can be configured to output either the patented DDX PWM data or standart binary PWM
encoded data. By setting the CxBO bit to ‘1’, each channel can be individually controlled to be in binary
operation mode.
Also, there is the capability to map each channel independently onto any of the two limiters available within
the STA326 or even not map it to any limiter at all (default mode).
Table 24. Channel Limiter Mapping Selection
Each PWM Output Channel can receive data from any channel output of the volume block. Which channel
a particular PWM output receives is dependent upon that channel’s CxOM register bits.
D7
D6
D5
D4
D3
D2
D1
D0
C1OM1
C1OM0
C1LS1
C1LS0
C1BO
C1VBP
C1EQBP
C1TCB
00
0
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
C2OM1
C2OM0
C2LS1
C2LS0
C2BO
C2VBP
C2EQBP
C2TCB
00000000
D7
D6
D5
D4
D3
D2
D1
D0
C3OM1
C3OM0
C3LS1
C3LS0
C3BO
C3VBP
000000
CxLS (1,0)
Channel Limiter Mapping
00
Channel has limiting disabled
01
Channel is mapped to limiter #1
10
Channel is mapped to limiter #2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com