Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA326 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STA326
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 32Page - STMicroelectronics STA326 Datasheet HTML 33Page - STMicroelectronics STA326 Datasheet HTML 34Page - STMicroelectronics STA326 Datasheet HTML 35Page - STMicroelectronics STA326 Datasheet HTML 36Page - STMicroelectronics STA326 Datasheet HTML 37Page - STMicroelectronics STA326 Datasheet HTML 38Page - STMicroelectronics STA326 Datasheet HTML 39Page - STMicroelectronics STA326 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
STA326
36/43
8.10 Writing a set of coefficients to RAM
write 8-bits of starting address to I
2C register 16h
write top 8-bits of coefficient b1 in I
2C address 17h
write middle 8-bits of coefficient b1 in I
2C address 18h
write bottom 8-bits of coefficient b1 in I
2C address 19h
write top 8-bits of coefficient b2 in I
2C address 1Ah
write middle 8-bits of coefficient b2 in I
2C address 1Bh
write bottom 8-bits of coefficient b2 in I
2C address 1Ch
write top 8-bits of coefficient a1 in I
2C address 1Dh
write middle 8-bits of coefficient a1 in I
2C address 1Eh
write bottom 8-bits of coefficient a1 in I
2C address 1Fh
write top 8-bits of coefficient a2 in I
2C address 20h
write middle 8-bits of coefficient a2 in I
2C address 21h
write bottom 8-bits of coefficient a2 in I
2C address 22h
write top 8-bits of coefficient b0 in I
2C address 23h
write middle 8-bits of coefficient b0 in I
2C address 24h
write bottom 8-bits of coefficient b0 in I
2C address 25h
write 1 to WA bit in I
2C address 26h
The mechanism for writing a set of coefficients to RAM provides a method of updating the five coefficients
corresponding to a given biquad (filter) simultaneously to avoid possible unpleasant acoustic side-effects.
When using this technique, the 8-bit address would specify the address of the biquad b1 coefficient (e.g.
0, 5, 10, 15, …, 45 decimal), and the STA326 will generate the RAM addresses as offsets from this base
value to write the complete set of coefficient data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com