Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA541AM Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA541AM
Description  OPA541 High Power Monolithic Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA541AM Datasheet(HTML) 3 Page - Texas Instruments

  OPA541AM Datasheet HTML 1Page - Texas Instruments OPA541AM Datasheet HTML 2Page - Texas Instruments OPA541AM Datasheet HTML 3Page - Texas Instruments OPA541AM Datasheet HTML 4Page - Texas Instruments OPA541AM Datasheet HTML 5Page - Texas Instruments OPA541AM Datasheet HTML 6Page - Texas Instruments OPA541AM Datasheet HTML 7Page - Texas Instruments OPA541AM Datasheet HTML 8Page - Texas Instruments OPA541AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
−In
NC
+In
NC
V
O
Output
Drive
R
CL
−V
S
+V
S
Current
Sense
1
3
5
7
9
11
2
Tab at −V
S. Do not use to conduct current.
4
6
8
10
OPA541
www.ti.com
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
5 Pin Configuration and Functions
KV Package
11-Pin TO-220
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
+In
I
+Input
2
–In
I
-Input
3
–Vs
–
Negative power supply
4
–Vs
–
Negative power supply
5
Output
O
Output
6
NC
–
No internal connection
7
Output
O
Output
8
Current Sense
I
Current sensing input pin
9
NC
–
No internal connection
10
+Vs
–
Positive power supply
11
+Vs
–
Positive power supply
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com