Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA541AM Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA541AM
Description  OPA541 High Power Monolithic Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA541AM Datasheet(HTML) 4 Page - Texas Instruments

  OPA541AM Datasheet HTML 1Page - Texas Instruments OPA541AM Datasheet HTML 2Page - Texas Instruments OPA541AM Datasheet HTML 3Page - Texas Instruments OPA541AM Datasheet HTML 4Page - Texas Instruments OPA541AM Datasheet HTML 5Page - Texas Instruments OPA541AM Datasheet HTML 6Page - Texas Instruments OPA541AM Datasheet HTML 7Page - Texas Instruments OPA541AM Datasheet HTML 8Page - Texas Instruments OPA541AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
OPA541
SBOS153B – SEPTEMBER 2000 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, +VS to –VS
80
V
Output current
See SOA, Figure 11
Power dissipation, Internal(2)
125
W
Input voltage, differential
+VS
Input voltage, common-mode
+VS
Temperature, pin solder, 10 s
300
°C
Junction temperature(2)
150
°C
AP
–40
85
Operating temperature (case)
AM, BM, SM
–55
125
°C
AP
–25
85
Storage temperature, Tstg
AM, BM, SM
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to achieve
high MTTF.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD) Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply Voltage (V+ – V–)
10 (±5)
80 (±40)
V
Specified temperature
–40
125
°C
6.4 Thermal Information
OPA541
THERMAL METRIC(1)
KV (TO-220)
LMF (TO-3)
UNIT
11 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
21.5
—
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
17.4
—
°C/W
RθJB
Junction-to-board thermal resistance
9.2
—
°C/W
ψJT
Junction-to-top characterization parameter
1.5
—
°C/W
ψJB
Junction-to-board characterization parameter
9.2
—
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.1
3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: OPA541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com