Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA342NA/250 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA342NA/250
Description  Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA342NA/250 Datasheet(HTML) 2 Page - Texas Instruments

  OPA342NA/250 Datasheet HTML 1Page - Texas Instruments OPA342NA/250 Datasheet HTML 2Page - Texas Instruments OPA342NA/250 Datasheet HTML 3Page - Texas Instruments OPA342NA/250 Datasheet HTML 4Page - Texas Instruments OPA342NA/250 Datasheet HTML 5Page - Texas Instruments OPA342NA/250 Datasheet HTML 6Page - Texas Instruments OPA342NA/250 Datasheet HTML 7Page - Texas Instruments OPA342NA/250 Datasheet HTML 8Page - Texas Instruments OPA342NA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
OPA342, 2342, 4342
2
SBOS106A
SPECIFICATIONS: VS = 2.7V to 5.5V
At TA = +25°C, RL = 10kΩ connected to VS /2 and VOUT = VS /2, unless otherwise noted.
Boldface limits apply over the temperature range, TA = –40°C to +85°C.
OPA342NA, UA
OPA2342EA, UA
OPA4342EA, UA, PA
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VCM = VS /2
±1
±6mV
TA = –40°C to +85°C
±1
±6mV
vs Temperature
dVOS/dT
±3
µV/°C
vs Power Supply
PSRR
VS = 2.7V to 5.5V, VCM < (V+) -1.8V
30
200
µV/V
TA = –40°C to +85°CVS = 2.7V to 5.5V, VCM < (V+) -1.8V
250
µV/V
Channel Separation, dc
0.2
µV/V
f = 1kHz
132
dB
INPUT BIAS CURRENT
Input Bias Current
IB
±0.2
±10
pA
TA = –40°C to +85°C
See Typical Curve
pA
Input Offset Current
IOS
±0.2
±10
pA
NOISE
Input Voltage Noise, f = 0.1Hz to 50kHz
8
µVrms
Input Voltage Noise Density, f = 1kHz
en
30
nV/
√Hz
Current Noise Density, f = 1kHz
in
0.5
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
–0.3
(V+) + 0.3
V
Common-Mode Rejection Ratio
CMRR
VS = +5.5V, –0.3V < VCM < (V+) - 1.8
76
88
dB
TA = –40°C to +85°CVS = +5.5V, –0.3V < VCM < (V+) - 1.8
74
dB
Common-Mode Rejection Ratio
CMRR
VS = +5.5V, –0.3V < VCM < 5.8V
66
78
dB
TA = –40°C to +85°CVS = +5.5V, –0.3V < VCM < 5.8V
64
dB
Common-Mode Rejection Ratio
CMRR
VS = +2.7V, –0.3V < VCM < 3V
62
74
dB
TA = –40°C to +85°CVS = +2.7V, –0.3V < VCM < 3V
60
dB
INPUT IMPEDANCE
Differential
1013 || 3
Ω || pF
Common-Mode
1013 || 6
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 100kΩ, 10mV < VO < (V+) – 10mV
104
124
dB
TA = –40°C to +85°CRL = 100kΩ, 10mV < VO < (V+) – 10mV
100
dB
RL = 5kΩ, 400mV < VO < (V+) – 400mV
96
114
dB
TA = –40°C to +85°CRL = 5kΩ, 400mV < VO < (V+) – 400mV
90
dB
FREQUENCY RESPONSE
CL = 100pF
Gain-Bandwidth Product
GBW
G = 1
1
MHz
Slew Rate
SR
1
V/
µs
Settling Time, 0.1%
VS = 5.5V, 2V Step
5
µs
0.01%
VS = 5.5V, 2V Step
8
µs
Overload Recovery Time
VIN • G = VS
2.5
µs
Total Harmonic Distortion + Noise, f = 1kHz THD+N
VS = 5.5V, VO = 3Vp-p(1), G = 1
0.006
%
OUTPUT
Voltage Output Swing from Rail(2)
RL = 100kΩ, AOL ≥ 96dB
1
mV
RL = 100kΩ, AOL ≥ 104dB
3
10
mV
TA = –40°C to +85°CRL = 100kΩ, AOL ≥ 100dB
10
mV
RL = 5kΩ, AOL ≥ 96dB
20
400
mV
TA = –40°C to +85°CRL = 5kΩ, AOL ≥ 90dB
400
mV
Short-Circuit Current
ISC
Per Channel
±15
mA
Capacitive Load Drive
CLOAD
See Typical Curve
POWER SUPPLY
Specified Voltage Range
VS
2.7
5.5
V
Operating Voltage Range
2.5 to 5.5
V
Quiescent Current (per amplifier)
IQ
IO = 0A
150
250
µA
TA = –40°C to +85°C
300
µA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–55
+125
°C
Storage Range
–65
+150
°C
Thermal Resistance
θ
JA
SOT23-5 Surface Mount
200
°C/W
MSOP-8 Surface Mount
150
°C/W
SO-8 Surface Mount
150
°C/W
TSSOP-14 Surface Mount
100
°C/W
SO-14 Surface Mount
100
°C/W
DIP-14
100
°C/W
NOTES: (1) VOUT = 0.25V to 3.25V. (2) Output voltage swings are measured between the output and power-supply rails.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com