Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA342NA/250 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA342NA/250
Description  Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA342NA/250 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA342NA/250 Datasheet HTML 3Page - Texas Instruments OPA342NA/250 Datasheet HTML 4Page - Texas Instruments OPA342NA/250 Datasheet HTML 5Page - Texas Instruments OPA342NA/250 Datasheet HTML 6Page - Texas Instruments OPA342NA/250 Datasheet HTML 7Page - Texas Instruments OPA342NA/250 Datasheet HTML 8Page - Texas Instruments OPA342NA/250 Datasheet HTML 9Page - Texas Instruments OPA342NA/250 Datasheet HTML 10Page - Texas Instruments OPA342NA/250 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OPA342, 2342, 4342
7
SBOS106A
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = +5V, and RL = 10kΩ connected to VS/2, unless otherwise noted.
SMALL-SIGNAL OVERSHOOT vs LOAD CAPACITANCE
1
Load Capacitance (pF)
10
100
1k
10k
G = –1
G = –5
50
45
40
35
30
25
20
15
10
5
0
G = +5
G = +1
5
µs/div
LARGE-SIGNAL STEP RESPONSE
G = +1, RL = 10kΩ, CL = 100pF
5
µs/div
SMALL-SIGNAL STEP RESPONSE
G = +1, RL = 10kΩ, CL = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com