Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4342EA/2K5 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA4342EA/2K5
Description  Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4342EA/2K5 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA4342EA/2K5 Datasheet HTML 5Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 6Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 7Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 8Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 9Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 10Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 11Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 12Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
OPA342, 2342, 4342
9
SBOS106A
COMMON-MODE REJECTION
The CMRR for the OPA342 is specified in several ways so
the best match for a given application may be used. First, the
CMRR of the device in the common-mode range below the
transition region (VCM < (V+) – 1.8V) is given. This speci-
fication is the best indicator of the capability of the device
when the application requires use of one of the differential
input pairs. Second, the CMRR at VS = 5.5V over the entire
common-mode range is specified. Third, the CMRR at VS =
2.7V over the entire common-mode range is provided. These
last two values include the variations seen through the
transition region.
INPUT VOLTAGE BEYOND THE RAILS
If the input voltage can go more than 0.3V below the
negative power supply rail (single-supply ground), special
precautions are required. If the input voltage goes suffi-
ciently negative, the op amp output may lock up in an
inoperative state. A Schottky diode clamp circuit will pre-
vent this—see Figure 4. The series resistor prevents exces-
sive current (greater than 10mA) in the Schottky diode and
in the internal ESD protection diode, if the input voltage can
exceed the positive supply voltage. If the signal source is
limited to less than 10mA, the input resistor is not required.
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors is
used to achieve rail-to-rail output. This output stage is
capable of driving 600
Ω loads connected to any potential
between V+ and ground. For light resistive loads (> 50k
Ω),
the output voltage can typically swing to within 1mV from
supply rail. With moderate resistive loads (2k
Ω to 50kΩ),
the output can swing to within a few tens of milli-volts from
the supply rails while maintaining high open-loop gain. See
the typical performance curve “Output Voltage Swing vs
Output Current.”
V
O
V
IN
V
B
V+
Non-Inverting Gain
V
CM = VIN
V
O
V
B
V
IN
V+
Inverting Amplifier
V
CM = VB
V
O
V
IN
V+
G = 1 Buffer
V
CM = VIN = VO
FIGURE 3. Design Optimization with Rail-to-Rail Input Op Amps.
Rail-to-rail op amps can be used in virtually any op amp
configuration. To achieve optimum performance, how-
ever, applications using these special double-input-stage
op amps may benefit from consideration of their special
behavior.
In many applications, operation remains within the com-
mon-mode range of only one differential input pair.
However some applications exercise the amplifier through
the transition region of both differential input stages.
Although the two input stages are laser trimmed for
excellent matching, a small discontinuity may occur in
this transition. Careful selection of the circuit configura-
tion, signal levels and biasing can often avoid this transi-
tion region.
DESIGN OPTIMIZATION WITH RAIL-TO-RAIL INPUT OP AMPS
With a unity-gain buffer, for example, signals will traverse
this transition at approximately 1.3V below V+ supply
and may exhibit a small discontinuity at this point.
The common-mode voltage of the non-inverting ampli-
fier is equal to the input voltage. If the input signal always
remains less than the transition voltage, no discontinuity
will be created. The closed-loop gain of this configura-
tion can still produce a rail-to-rail output.
Inverting amplifiers have a constant common-mode volt-
age equal to VB. If this bias voltage is constant, no
discontinuity will be created. The bias voltage can gener-
ally be chosen to avoid the transition region.
FIGURE 4. Input Current Protection for Voltages Exceed-
ing the Supply Voltage.
1k
Ω
OPA342
10mA max
V+
V
IN
V
OUT
I
OVERLOAD
IN5818
Schottky diode is required only
if input voltage can go more
than 0.3V below ground.
CAPACITIVE LOAD AND STABILITY
The OPA342 in a unity-gain configuration can directly drive
up to 250pF pure capacitive load. Increasing the gain en-
hances the amplifier’s ability to drive greater capacitive
loads. See the typical performance curve “Small-Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com