Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA4342EA/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA4342EA/2K5
Description  Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA4342EA/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  OPA4342EA/2K5 Datasheet HTML 1Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 2Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 3Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 4Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 5Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 6Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 7Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 8Page - Texas Instruments OPA4342EA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low-Cost, Low-Power, Rail-to-Rail
OPERATIONAL AMPLIFIERS
Micro
Amplifier ™ Series
FEATURES
q LOW QUIESCENT CURRENT: 150
µA typ
q RAIL-TO-RAIL INPUT
q RAIL-TO-RAIL OUTPUT (within 1mV)
q SINGLE SUPPLY CAPABILITY
q LOW COST
q MicroSIZE PACKAGE OPTIONS:
SOT23-5
MSOP-8
TSSOP-14
q BANDWIDTH: 1MHz
q SLEW RATE: 1V/
µs
q THD + NOISE: 0.006%
APPLICATIONS
q COMMUNICATIONS
q PCMCIA CARDS
q DATA ACQUISITION
q PROCESS CONTROL
q AUDIO PROCESSING
q ACTIVE FILTERS
q TEST EQUIPMENT
q CONSUMER ELECTRONICS
DESCRIPTION
The OPA342 series rail-to-rail CMOS operational
amplifiers are designed for low-cost, low-power, min-
iature applications. They are optimized to operate on
a single supply as low as 2.5V with an input common-
mode voltage range that extends 300mV beyond the
supplies.
Rail-to-rail input/output and high-speed operation make
them ideal for driving sampling Analog-to-Digital Con-
verters (ADC). They are also well suited for general-
purpose and audio applications and providing I/V con-
version at the output of Digital-to-Analog Converters
(DAC). Single, dual, and quad versions have identical
specs for design flexibility.
The OPA342 series offers excellent dynamic response
with a quiescent current of only 250
µA max. Dual and
quad designs feature completely independent circuitry
for lowest crosstalk and freedom from interaction.
OPA342
OPA2342
OPA4342
®
OPA342
OPA3
42
OPA2
342
OPA43
42
OPA4342
SINGLE
DUAL
QUAD
PACKAGE
OPA342
OPA2342
OPA4342
SOT23-5
✔
MSOP-8
✔
SO-8
✔✔
TSSOP-14
✔
SO-14
✔
DIP-14
✔
SPICE MODEL available at www.burr-brown.com.
Copyright © 2000, Texas Instruments Incorporated
SBOS106A
Printed in U.S.A. August, 2000
www.ti.com


Similar Part No. - OPA4342EA/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4342EA/250 TI1-OPA4342EA/250 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA4342EA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA342 BURR-BROWN-OPA342 Datasheet
234Kb / 10P
Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
logo
Burr-Brown (TI)
OPA342 BURR-BROWN-OPA342_06 Datasheet
322Kb / 13P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
Low cost,low power,input/output rail-to-rail operational amplifiers
18-Jan-2010
logo
National Semiconductor ...
OPA344 NSC-OPA344 Datasheet
1Mb / 29P
LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
Rail-to-Rail Operational Amplifiers MicroAmplifier Series
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com