Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1608 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCM1608
Description  24-Bit, 192-kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1608 Datasheet(HTML) 2 Page - Texas Instruments

  PCM1608 Datasheet HTML 1Page - Texas Instruments PCM1608 Datasheet HTML 2Page - Texas Instruments PCM1608 Datasheet HTML 3Page - Texas Instruments PCM1608 Datasheet HTML 4Page - Texas Instruments PCM1608 Datasheet HTML 5Page - Texas Instruments PCM1608 Datasheet HTML 6Page - Texas Instruments PCM1608 Datasheet HTML 7Page - Texas Instruments PCM1608 Datasheet HTML 8Page - Texas Instruments PCM1608 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
PCM1608
SBAS164B – DECEMBER 2000 – REVISED JULY 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
over operating free-air temperature range (unless otherwise noted)
VDD
–0.3 V to 4 V
Power supply voltage
VCC
–0.3 V to 6.5 V
VCC, VDD
Supply voltage difference
VCC – VDD < 3 V
Ground voltage differences
±0.1 V
Digital input voltage
–0.3 V to 6.5 V
Input current (except power supply pins)
±10 mA
Operating temperature under bias
–40
°C to 125°C
Storage temperature
–55
°C to 150°C
Junction temperature
150
°C
Lead temperature (soldering)
260
°C, 5 s
Package temperature (IR reflow, peak)
235
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range
MIN
NOM
MAX
UNIT
Digital supply voltage, VDD
3
3.3
3.6
V
Analog supply voltage, VCC
4.5
5
5.5
V
Digital input logic family
TTL
System clock
8.192
36.864
MHz
Digital input clock frequency
Sampling clock, VOUT1, VOUT2
32
192
kHz
Sampling clock, VOUT3, VOUT4, VOUT5, VOUT6
32
96
Analog output load resistance
5
k
Ω
Analog output load capacitance
50
pF
Digital output load capacitance
20
pF
Operating free-air temperature, TA
–25
85
°C
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com