Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1608 Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM1608
Description  24-Bit, 192-kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1608 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1608 Datasheet HTML 7Page - Texas Instruments PCM1608 Datasheet HTML 8Page - Texas Instruments PCM1608 Datasheet HTML 9Page - Texas Instruments PCM1608 Datasheet HTML 10Page - Texas Instruments PCM1608 Datasheet HTML 11Page - Texas Instruments PCM1608 Datasheet HTML 12Page - Texas Instruments PCM1608 Datasheet HTML 13Page - Texas Instruments PCM1608 Datasheet HTML 14Page - Texas Instruments PCM1608 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
www.ti.com
TYPICAL PERFORMANCE CURVES (continued)
ANALOG DYNAMIC PERFORMANCE
Supply-Voltage Characteristics
VCC − Supply Voltage − V
96
98
100
102
104
106
108
110
4.0
4.5
5.0
5.5
6.0
G012
44.1kHz, 384fS
96kHz, 384fS
192kHz, 128fS
VCC − Supply Voltage − V
4.0
4.5
5.0
5.5
6.0
10
0.01
0.001
0.0001
G011
0.1
1
−60dB/44.1kHz, 384fS
0dB/44.1kHz, 384fS
−60dB/192kHz, 128fS
0dB/192kHz, 128fS
0dB/96kHz, 384fS
−60dB/96kHz, 384fS
VCC − Supply Voltage − V
96
98
100
102
104
106
108
110
4.0
4.5
5.0
5.5
6.0
G013
192kHz, 128fS
96kHz, 384fS
44.1kHz, 384fS
VCC − Supply Voltage − V
96
98
100
102
104
106
108
110
4.0
4.5
5.0
5.5
6.0
G014
192kHz, 128fS
96kHz, 384fS
44.1kHz, 384fS
PCM1608
SBAS164B – DECEMBER 2000 – REVISED JULY 2005
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, and 24-bit input data, unless otherwise noted. Conditions in 192-kHz
operation are system clock = 128 f
S, DAC3 through DAC6 disabled in register 8, and oversampling rate = 64 fS (set by OVER
bit in register 12).
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE
vs
vs
VCC (VDD = 3.3 V)
VCC (VDD = 3.3 V)
Figure 11.
Figure 12.
SIGNAL-TO-NOISE RATIO
CHANNEL SEPARATION
vs
vs
VCC (VDD = 3.3 V)
VCC (VDD = 3.3 V)
Figure 13.
Figure 14.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com