Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA137P Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA137P
Description  LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA137P Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA137P Datasheet HTML 4Page - Texas Instruments OPA137P Datasheet HTML 5Page - Texas Instruments OPA137P Datasheet HTML 6Page - Texas Instruments OPA137P Datasheet HTML 7Page - Texas Instruments OPA137P Datasheet HTML 8Page - Texas Instruments OPA137P Datasheet HTML 9Page - Texas Instruments OPA137P Datasheet HTML 10Page - Texas Instruments OPA137P Datasheet HTML 11Page - Texas Instruments OPA137P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
OPA343, 2343, 4343
8
SBOS090A
APPLICATIONS INFORMATION
OPA343 series op amps are fabricated on a state-of-the-art
0.6 micron CMOS process. They are unity-gain stable and
suitable for a wide range of general-purpose applications.
Rail-to-rail input/output make them ideal for driving sam-
pling A/D converters. In addition, excellent ac performance
makes them well-suited for audio applications. The class AB
output stage is capable of driving 600
Ω loads connected to
any point between V+ and ground.
Rail-to-rail input and output swing significantly increases
dynamic range, especially in low-supply applications. Fig-
ure 1 shows the input and output waveforms for the
OPA343 in unity-gain configuration. Operation is from a
single +5V supply with a 10k
Ω load connected to V
S /2.
The input is a 5Vp-p sinusoid. Output voltage is approxi-
mately 4.98Vp-p.
Power-supply pins should be bypassed with 0.01
µF ceramic
capacitors.
OPERATING VOLTAGE
OPA343 series op amps are fully specified from +2.7V to
+5V. However, supply voltage may range from +2.5V to
+5.5V. Parameters are guaranteed over the specified supply
range—a unique feature of the OPA343 series. In addition,
many specifications apply from –40
°C to +85°C. Most
behavior remains virtually unchanged throughout the full
operating voltage range. Parameters which vary signifi-
cantly with operating voltages or temperature are shown in
the Typical Performance Curves.
RAIL-TO-RAIL INPUT
The input common-mode voltage range of the OPA343
series extends 500mV beyond the supply rails. This is
achieved with a complementary input stage—an N-channel
input differential pair in parallel with a P-channel differen-
tial pair, as shown in Figure 2. The N-channel pair is active
for input voltages close to the positive rail, typically (V+)
– 1.3V to 500mV above the positive supply. The P-channel
pair is on for inputs from 500mV below the negative supply
to approximately (V+) – 1.3V.
There is a small transition region, typically (V+) – 1.5V to
(V+) – 1.1V, in which both input pairs are on. This 400mV
transition region can vary
±300mV with process variation.
Thus, the transition region (both stages on) can range from
(V+) – 1.8V to (V+) – 1.4V on the low end, up to (V+)
– 1.2V to (V+) – 0.8V on the high end. Within the 400mV
transition region PSRR, CMRR, offset voltage, offset drift,
and THD may be degraded compared to operation outside
this region.
A double-folded cascode adds the signal from the two input
pairs and presents a differential signal to the class AB output
stage. Normally, input bias current is approximately 200fA,
however, input voltages exceeding the power supplies by
FIGURE 2. Simplified Schematic.
V
S = +5, G = +1, RL = 10kΩ
5
5
0
V
IN
V
OUT
FIGURE 1. Rail-to-Rail Input and Output.
V
BIAS1
V
BIAS2
V
IN+
V
IN–
Class AB
Control
Circuitry
V
O
V–
(Ground)
V+
Reference
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com