Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA137P Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA137P
Description  LOW COST FET-INPUT OPERATIONAL AMPLIFIERS MicroAmplifier ™ Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA137P Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA137P Datasheet HTML 7Page - Texas Instruments OPA137P Datasheet HTML 8Page - Texas Instruments OPA137P Datasheet HTML 9Page - Texas Instruments OPA137P Datasheet HTML 10Page - Texas Instruments OPA137P Datasheet HTML 11Page - Texas Instruments OPA137P Datasheet HTML 12Page - Texas Instruments OPA137P Datasheet HTML 13Page - Texas Instruments OPA137P Datasheet HTML 14Page - Texas Instruments OPA137P Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
OPA343UA/2K5.B
Active
Production
SOIC (D) | 8
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
OPA
343UA
OPA4343EA/250
Active
Production
SSOP (DBQ) | 16
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
OPA
4343EA
OPA4343EA/250.B
Active
Production
SSOP (DBQ) | 16
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
OPA
4343EA
OPA4343EA/2K5
Active
Production
SSOP (DBQ) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
OPA
4343EA
OPA4343EA/2K5.B
Active
Production
SSOP (DBQ) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
OPA
4343EA
OPA4343EA/2K5G4.B
Active
Production
SSOP (DBQ) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
OPA
4343EA
OPA4343NA/250
Active
Production
TSSOP (PW) | 14
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
OPA
4343NA
OPA4343NA/250.B
Active
Production
TSSOP (PW) | 14
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
OPA
4343NA
OPA4343NA/2K5
Active
Production
TSSOP (PW) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
OPA
4343NA
OPA4343NA/2K5.B
Active
Production
TSSOP (PW) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
OPA
4343NA
OPA4343UA
Active
Production
SOIC (D) | 14
50 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
OPA4343UA
OPA4343UA.B
Active
Production
SOIC (D) | 14
50 | TUBE
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 85
OPA4343UA
OPA4343UA/2K5
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
OPA4343UA
OPA4343UA/2K5.B
Active
Production
SOIC (D) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 85
OPA4343UA
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com