Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252TI/ML Datasheet(PDF) 255 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 255 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 251Page - Microchip Technology LAN9252TI/ML Datasheet HTML 252Page - Microchip Technology LAN9252TI/ML Datasheet HTML 253Page - Microchip Technology LAN9252TI/ML Datasheet HTML 254Page - Microchip Technology LAN9252TI/ML Datasheet HTML 255Page - Microchip Technology LAN9252TI/ML Datasheet HTML 256Page - Microchip Technology LAN9252TI/ML Datasheet HTML 257Page - Microchip Technology LAN9252TI/ML Datasheet HTML 258Page - Microchip Technology LAN9252TI/ML Datasheet HTML 259Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 255
LAN9252
12.14.36 FORWARDED RX ERROR COUNTER REGISTERS
There are 4 8-bit Forwarded RX Error Counter registers, each with unique address offsets as shown above. The variable
“x” is used in the following bit descriptions to represent ports 0-3.
Note:
This register is cleared if any one of the RX Error Counter Registers is written.
Note:
Port 3 is not used.
12.14.37 ECAT PROCESSING UNIT ERROR COUNTER REGISTER
12.14.38 PDI ERROR COUNTER REGISTER
Offset:
0308h-030Bh
Port 0: 0308h
Port 1: 0309h
Port 2: 030Ah
Port 3: 030Bh
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:0
Port x Forwarded RX Error Counter
Counting is stopped when FFh is reached. This is coupled
directly to RX ERR of the MII/EBUS interfaces.
R/WC
RO
00h
Offset:
030Ch
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:0
ECAT Processing Unit Error Counter
Counting is stopped when FFh is reached. This field counts the
errors of frames passing the Processing Unit (e.g., FCS error or
datagram structure error).
R/WC
RO
00h
Offset:
030Dh
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:0
PDI Error Counter
Counting is stopped when FFh is reached. This field counts if a
PDI access has an interface error.
R/WC
RO
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com