Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252TI/ML Datasheet(PDF) 258 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 258 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 254Page - Microchip Technology LAN9252TI/ML Datasheet HTML 255Page - Microchip Technology LAN9252TI/ML Datasheet HTML 256Page - Microchip Technology LAN9252TI/ML Datasheet HTML 257Page - Microchip Technology LAN9252TI/ML Datasheet HTML 258Page - Microchip Technology LAN9252TI/ML Datasheet HTML 259Page - Microchip Technology LAN9252TI/ML Datasheet HTML 260Page - Microchip Technology LAN9252TI/ML Datasheet HTML 261Page - Microchip Technology LAN9252TI/ML Datasheet HTML 262Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 329 page
background image
LAN9252
DS00001909A-page 258
 2015 Microchip Technology Inc.
12.14.42 WATCHDOG TIME PDI REGISTER
Note:
The watchdog is disabled if Watchdog Time PDI is set to 0000h. Watchdog is restarted with every PDI
access.
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
12.14.43 WATCHDOG TIME PROCESS DATA REGISTER
Note:
There is one watchdog for all SyncManagers. The watchdog is disabled if Watchdog Time PDI is set to
0000h. The watchdog is restarted with every write access to the SyncManagers with the Watchdog Trigger
Enable bit set.
Note:
For EtherCAT Core CSR registers longer than one byte, the LSB has the lowest address and the MSB the
highest address.
Offset:
0410h-0411h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:0
Watchdog Time PDI
Number of basic watchdog increments.
(default value with Watchdog Divider of 100 us results in 100 ms
watchdog.)
R/W
RO
03E8h
Offset:
0420h-0421h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15:0
Watchdog Time Process Data
Number of basic watchdog increments.
(default value with Watchdog Divider of 100 us results in 100 ms
watchdog.)
R/W
RO
03E8h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com