Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1804DBR Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1804DBR
Description  FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1804DBR Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1804DBR Datasheet HTML 20Page - Texas Instruments PCM1804DBR Datasheet HTML 21Page - Texas Instruments PCM1804DBR Datasheet HTML 22Page - Texas Instruments PCM1804DBR Datasheet HTML 23Page - Texas Instruments PCM1804DBR Datasheet HTML 24Page - Texas Instruments PCM1804DBR Datasheet HTML 25Page - Texas Instruments PCM1804DBR Datasheet HTML 26Page - Texas Instruments PCM1804DBR Datasheet HTML 27Page - Texas Instruments PCM1804DBR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
www.ti.com
BCK
LRCK
DATA
tw(BCKH)
tw(BCKL)
t(LRHD)
t(LRCP)
t(LRSU)
t(BCKP)
t(CKDO)
t(LRDO)
1.4 V
1.4 V
0.5 VDD
T0017-03
INTERFACE TIMING FOR DSD
Dn−3
Dn−2
Dn−1
Dn
Dn+1
Dn+2
Dn+3
Dn−3
Dn−2
Dn−1
Dn
Dn+1
Dn+2
Dn+3
DSDBCK
DSDL
DSDR
T0052−01
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
PARAMETERS
MIN
TYP
MAX
UNIT
t(BCKP)
BCK period
1/(64 fS)
1/(48 fS)
tw(BCKH)
BCK pulse duration, HIGH
32
ns
tw(BCKL)
BCK pulse duration, LOW
32
ns
t(LRSU)
LRCK setup time to BCK rising edge
12
ns
t(LRHD)
LRCK hold time to BCK rising edge
12
ns
t(LRCP)
LRCK period
1/fS
t(CKDO)
Delay time, BCK falling edge to DATA valid
5
25
ns
t(LRDO)
Delay time, LRCK edge to DATA valid
5
25
ns
tr
Rising time of all signals(1)(2)
10
ns
tf
Falling time of all signals(1)(2)
10
ns
(1)
Rising and falling times are measured from 10% to 90% of IN/OUT signals swing.
(2)
Load capacitance of DATA/DSDR signal is 10 pF.
Figure 38. Audio Data Interface Timing for PCM (Slave Mode: LRCK and BCK Work as Inputs)
Figure 39 and Figure 40 illustrate the interface timing for DSD.
Figure 39. Audio Data Format
24
Submit Documentation Feedback
Copyright © 2001–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM1804



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com