Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1804DBR Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1804DBR
Description  FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1804DBR Datasheet(HTML) 1 Page - Texas Instruments

  PCM1804DBR Datasheet HTML 1Page - Texas Instruments PCM1804DBR Datasheet HTML 2Page - Texas Instruments PCM1804DBR Datasheet HTML 3Page - Texas Instruments PCM1804DBR Datasheet HTML 4Page - Texas Instruments PCM1804DBR Datasheet HTML 5Page - Texas Instruments PCM1804DBR Datasheet HTML 6Page - Texas Instruments PCM1804DBR Datasheet HTML 7Page - Texas Instruments PCM1804DBR Datasheet HTML 8Page - Texas Instruments PCM1804DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM1804
SLES022C – DECEMBER 2001 – REVISED OCTOBER 2007
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz
STEREO A/D CONVERTER
• AV Amplifier
23
• 24-Bit Delta-Sigma Stereo A/D Converter
• MD Player
• High Performance:
• Digital VTR
–
Dynamic Range: 112 dB (Typical)
• Digital Mixer
–
SNR: 111 dB (Typical)
• Digital Recorder
–
THD+N: –102 dB (Typical)
• High-Performance Linear Phase Antialias
Digital Filter:
The PCM1804 is a high-performance, single-chip
–
Pass-Band Ripple: ±0.005 dB
stereo A/D converter with fully differential analog
–
Stop-Band Attenuation: –100 dB
voltage input. The PCM1804 uses a precision
delta-sigma modulator and includes a linear phase
• Fully Differential Analog Input: ±2.5 V
antialias digital filter and high-pass filter (HPF) that
• Audio Interface: Master- or Slave-Mode
removes dc offset
from
the
input
signal.
The
Selectable
PCM1804 is suitable for a wide variety of mid- to
• Data Formats: Left-Justified, I2S, Standard
high-grade consumer and professional applications,
24-Bit, and DSD
where excellent performance and 5-V analog supply
and 3.3-V digital power-supply operation are required.
• Function:
The PCM1804 can achieve both PCM audio and
–
Peak Detection
DSD
format
due
to
the
precision
delta-sigma
–
High-Pass Filter (HPF): –3 dB at 1 Hz,
modulator. The PCM1804 is fabricated using an
fS = 48 kHz
advanced CMOS process and is available in a small
28-pin SSOP package.
• Sampling Rate up to 192 kHz
• System Clock: 128 f
S, 256 fS, 384 fS,
512 fS, or 768 fS
• Dual Power Supplies:
–
5 V for Analog
–
3.3 V for Digital
• Power Dissipation: 225 mW
• Small 28-Pin SSOP
• DSD Output: 1 Bit, 64 f
S
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
System Two, Audio Precision are trademarks of Audio Precision, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1804DBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1804DBR BURR-BROWN-PCM1804DBR Datasheet
470Kb / 31P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1804DBR TI1-PCM1804DBR Datasheet
611Kb / 36P
STEREO A/D CONVERTER
PCM1804DBRG4 TI1-PCM1804DBRG4 Datasheet
611Kb / 36P
STEREO A/D CONVERTER
More results

Similar Description - PCM1804DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1804 BURR-BROWN-PCM1804 Datasheet
470Kb / 31P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Protek Devices
PA5134LV PROTEC-PA5134LV Datasheet
202Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144 PROTEC-PA5144 Datasheet
201Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
logo
Texas Instruments
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1804-Q1 TI-PCM1804-Q1_15 Datasheet
854Kb / 36P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com