Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060PW Datasheet(PDF) 20 Page - Texas Instruments

Part # PCM3060PW
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3060PW Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM3060PW Datasheet HTML 16Page - Texas Instruments PCM3060PW Datasheet HTML 17Page - Texas Instruments PCM3060PW Datasheet HTML 18Page - Texas Instruments PCM3060PW Datasheet HTML 19Page - Texas Instruments PCM3060PW Datasheet HTML 20Page - Texas Instruments PCM3060PW Datasheet HTML 21Page - Texas Instruments PCM3060PW Datasheet HTML 22Page - Texas Instruments PCM3060PW Datasheet HTML 23Page - Texas Instruments PCM3060PW Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
www.ti.com
DOUT
0.5 V
DD
0.5 V
DD
0.5 V
DD
DIN
1.4 V
1.4 V
BCK1/2
(Output)
SCKI1/2
(Input)
LRCK1/2
(Output)
t
(BCY)
t
(DIH)
t
(BCH)
t
(BCL)
t
(LRD)
t
(DIS)
t
(DOD)
t
(BCD)
t
(BCD)
T0248-01
Audio Interface Format
PCM3060
SLAS533B – MARCH 2007 – REVISED MARCH 2008
SYMBOL
PARAMETERS
MIN
TYP
MAX
UNIT
t(BCY)
BCK1/2 cycle time
1/64 fS
tw(BCH)
BCK1/2 high time
0.4 t(BCY)
0.5 t(BCY)
0.6 t(BCY)
tw(BCL)
BCK1/2 low time
0.4 t(BCY)
0.5 t(BCY)
0.6 t(BCY)
t(LRD)
LRCK1/2 delay time from BCK1/2 falling edge
0
30
ns
t(DIS)
DIN setup time to BCK1/2 rising edge
10
ns
t(DIH)
DIN hold time to BCK1/2 rising edge
10
ns
t(DOD)
DOUT delay time from BCK1/2 falling edge
0
30
ns
t(BCD)
BCK1/2 delay time from SCKI1/2 rising edge(1)
10
40
ns
NOTE: Load capacitance of output is 20 pF.
(1)
This specification applies for SCKI1/2 when the frequency is less than 25 MHz.
Figure 25. Audio Data Interface Timing (Master Mode: BCK1/2 and LRCK1/2 work as Outputs)
The PCM3060 supports the following four interface formats in both slave and master modes, and they are
selectable independently for the ADC and DAC using serial mode control.
24-bit I2S format
24-bit left-justified format
24-bit right-justified format
16-bit right-justified format
All formats are provided in MSB-first, 2s complement data format.
20
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com