Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060PW Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM3060PW
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3060PW Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM3060PW Datasheet HTML 9Page - Texas Instruments PCM3060PW Datasheet HTML 10Page - Texas Instruments PCM3060PW Datasheet HTML 11Page - Texas Instruments PCM3060PW Datasheet HTML 12Page - Texas Instruments PCM3060PW Datasheet HTML 13Page - Texas Instruments PCM3060PW Datasheet HTML 14Page - Texas Instruments PCM3060PW Datasheet HTML 15Page - Texas Instruments PCM3060PW Datasheet HTML 16Page - Texas Instruments PCM3060PW Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
www.ti.com
TYPICAL DAC PERFORMANCE CURVES
−102
−100
−98
−96
−94
−92
−90
−25
0
25
50
75
100
TA − Free-Air Temperature − °C
G013
98
100
102
104
106
108
110
−25
0
25
50
75
100
TA − Free-Air Temperature − °C
G014
SNR
Dynamic Range
−102
−100
−98
−96
−94
−92
−90
4.50
4.75
5.00
5.25
5.50
VCC − Supply Voltage − V
G015
98
100
102
104
106
108
110
4.50
4.75
5.00
5.25
5.50
VCC − Supply Voltage − V
G016
SNR
Dynamic Range
PCM3060
SLAS533B – MARCH 2007 – REVISED MARCH 2008
All specifications at TA = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI1 = SCKI2 = 512 fS, 24-bit data,
unless otherwise noted.
THD+N vs TEMPERATURE
DYNAMIC RANGE and SNR vs TEMPERATURE
Figure 13.
Figure 14.
THD+N vs SUPPLY VOLTAGE
DYNAMIC RANGE and SNR vs SUPPLY VOLTAGE
Figure 15.
Figure 16.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM3060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com