Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060PWR.B Datasheet(PDF) 22 Page - Texas Instruments

Part # PCM3060PWR.B
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3060PWR.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM3060PWR.B Datasheet HTML 18Page - Texas Instruments PCM3060PWR.B Datasheet HTML 19Page - Texas Instruments PCM3060PWR.B Datasheet HTML 20Page - Texas Instruments PCM3060PWR.B Datasheet HTML 21Page - Texas Instruments PCM3060PWR.B Datasheet HTML 22Page - Texas Instruments PCM3060PWR.B Datasheet HTML 23Page - Texas Instruments PCM3060PWR.B Datasheet HTML 24Page - Texas Instruments PCM3060PWR.B Datasheet HTML 25Page - Texas Instruments PCM3060PWR.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
www.ti.com
SYNCHRONIZATION WITH DIGITAL AUDIO SYSTEM
Within2/f
S
t
(DACDLY3)
(22/f )
S
Normal
V
COM
(0.5V
)
CC
Undefined
Data
Normal
Synchronous
Asynchronous
Synchronous
DACV
X+/–
OUT
StateofSynchronization
Normal
Zero
Normal
ADCDOUT
Undefined
Data
T0020-08
t
(ADCDLY3)
(32/f )
S
PCM3060
SLAS533B – MARCH 2007 – REVISED MARCH 2008
As the PCM3060 operates under the system clock (SCKI1/2) and the audio sampling clock (LRCK1/2), SCKI1/2
and LRCK1/2 must have a specific relationship in slave mode. The PCM3060 does not need a specific phase
relationship between audio the interface clocks (LRCK1/2, BCK1/2) and system clock (SCKI1/2), but does
require a frequency synchronization of LRCK1/2, BCK1/2, and SCKI1/2.
If the relationship between SCKI2 and LRCK2 changes more than ±6 BCK2s (BCK2 = 64 fS) or ±5 BCK2s (BCK2
= 48 fS) due to jitter or frequency change, etc., internal operation of DAC halts within 2/fS, and analog output is
forced to VCOM (0.5VCC) until resynchronization of SCKI2 to LRCK2 and BCK2 is completed and then tDACDLY3
passes by.
If the relationship between SCKI1 and LRCK1 changes more than ±6 BCK1s (BCK1 = 64 fS) or ±5 BCK1s (BCK1
= 48 fS) due to jitter, frequency change, etc., internal operation of ADC halts within 2/fS, and digital output is
forced into ZERO code until resynchronization of SCKI1 to LRCK1 and BCK1 is completed and then tADCDLY3
passes by.
In case of changes less than ±5 BCK1/2s (BCK1/2 = 64) or ±4 BCK1/2s (BCK1/2 = 48), resynchronization does
not occur, and previously described analog/digital output control and discontinuity do not occur.
Figure 27 illustrates the DAC analog output and ADC digital output for loss of synchronization.
During undefined data, it may generate some noise in audio signal. Also, the transition of normal to undefined
data and undefined or zero data to normal creates a discontinuity in the data on the analog and digital outputs,
which may generate some noise in the audio signal.
The ADC output, DOUT and DAC outputs, and VOUTX hold the previous state if the system clock halts.
Figure 27. DAC Output and ADC Output for Loss of Synchronization
22
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com