Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060PWR.B Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM3060PWR.B
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3060PWR.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM3060PWR.B Datasheet HTML 25Page - Texas Instruments PCM3060PWR.B Datasheet HTML 26Page - Texas Instruments PCM3060PWR.B Datasheet HTML 27Page - Texas Instruments PCM3060PWR.B Datasheet HTML 28Page - Texas Instruments PCM3060PWR.B Datasheet HTML 29Page - Texas Instruments PCM3060PWR.B Datasheet HTML 30Page - Texas Instruments PCM3060PWR.B Datasheet HTML 31Page - Texas Instruments PCM3060PWR.B Datasheet HTML 32Page - Texas Instruments PCM3060PWR.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
www.ti.com
MODE CONTROL REGISTERS
PCM3060
SLAS533B – MARCH 2007 – REVISED MARCH 2008
The PCM3060 has many user-programmable functions which are accessed via control registers, and they are
programmed through the SPI or I2C serial control port. Table 3 lists the available mode control functions along
with reset default conditions and associated register addresses. The register map is shown in Table 3.
Table 3. User-Programmable Mode Control Functions
FUNCTION RESET
DEFAULT
REGISTER
LABEL
Mode control register reset (ADC and DAC)
Normal operation
64
MRST
System reset (ADC and DAC)
Normal operation
64
SRST
ADC power-save control (ADC)
Power save
64
ADPSV
DAC power-save control (DAC)
Power save
64
DAPSV
VOUT configuration control (DAC)
Differential
64
S/E
Digital attenuation control, 0 dB to –100 dB in 0.5-dB steps
0 dB, no attenuation
65 and 66
AT21[7:0], AT22[7:0]
(DAC)
Clock select for DAC operation (DAC)
CLK2 enable
67
CSEL2
Master/slave mode for DAC audio interface (DAC)
Slave
67
M/S 2[2:0]
Interface format for DAC audio interface (DAC)
I2S
67
FMT2[1:0]
Oversampling rate control (DAC)
Low (x64/x32/x16)
68
OVER
Output phase select (DAC)
Normal
68
DREV2
Soft-mute control (DAC)
Mute disabled
68
MUT22, MUT21
Digital filter rolloff control (DAC)
Sharp rolloff
69
FLT
De-emphasis sampling rate selection (DAC)
44.1 kHz
69
DMF[1:0]
De-emphasis function control (DAC)
De-emphasis disabled
69
DMC
Zero-flag polarity control (DAC)
High for detection
69
ZREV
Zero-flag form select (DAC)
L-ch, R-ch independent
69
AZRO
Digital attenuation control, 20 dB to –100 dB in 0.5-dB steps
0 dB, no attenuation
70 and 71
AT11[7:0], AT12[7:0]
(ADC)
Clock select for ADC operation (ADC)
CLK1 enable
72
CSEL1
Master/slave mode for ADC audio interface (ADC)
Slave
72
M/S1[2:0]
Interface format for ADC audio interface (ADC)
I2S
72
FMT1[1:0]
Zero-cross detection disable for digital attenuation control (ADC)
Zero-cross detection enabled
73
ZCDD
HPF bypass control (ADC)
Bypass disabled
73
BYP
Input phase select (ADC)
Normal
73
DREV1
Soft-mute control (ADC)
Mute disabled
73
MUT12, MUT11
Table 4. Register Map
REGISTER ADDRESS
DATA
HEX
DEC
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
40h
Register 64
0
1
0
0
0
0
0
0
MRST
SRST
ADPSV
DAPSV
RSV
(1)
S/E
RSV
(1)
RSV
(1)
41h
Register 65
0
1
0
0
0
0
0
1
AT217
AT216
AT215
AT214
AT213
AT212
AT211
AT210
42h
Register 66
0
1
0
0
0
0
1
0
AT227
AT226
AT225
AT224
AT223
AT222
AT221
AT220
43h
Register 67
0
1
0
0
0
0
1
1
CSEL2
M/S 22
M/S 21
M/S 20
FMT21
FMT20
RSV
(1)
RSV
(1)
44h
Register 68
0
1
0
0
0
1
0
0
OVER
DREV2
MUT22
MUT21
RSV
(1)
RSV
(1)
RSV
(1)
RSV
(1)
45h
Register 69
0
1
0
0
0
1
0
1
FLT
DMF1
DMF0
DMC
ZREV
AZRO
RSV
(1)
RSV
(1)
46h
Register 70
0
1
0
0
0
1
1
0
AT117
AT116
AT115
AT114
AT113
AT112
AT111
AT110
47h
Register 71
0
1
0
0
0
1
1
1
AT127
AT126
AT125
AT124
AT123
AT122
AT121
AT120
48h
Register 72
0
1
0
0
1
0
0
0
CSEL1
M/S 12
M/S 11
M/S 10
FMT11
FMT10
RSV
(1)
RSV
(1)
49h
Register 73
0
1
0
0
1
0
0
1
ZCDD
BYP
DREV1
MUT12
MUT11
RSV
(1)
RSV
(1)
RSV
(1)
(1)
RSV means reserved for factory use or future extension, and these bits should be set to 0 during regular operation. Do not write any
values in addresses other than those listed.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): PCM3060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com