Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060PW.B Datasheet(PDF) 36 Page - Texas Instruments

Part # PCM3060PW.B
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3060PW.B Datasheet(HTML) 36 Page - Texas Instruments

Back Button PCM3060PW.B Datasheet HTML 32Page - Texas Instruments PCM3060PW.B Datasheet HTML 33Page - Texas Instruments PCM3060PW.B Datasheet HTML 34Page - Texas Instruments PCM3060PW.B Datasheet HTML 35Page - Texas Instruments PCM3060PW.B Datasheet HTML 36Page - Texas Instruments PCM3060PW.B Datasheet HTML 37Page - Texas Instruments PCM3060PW.B Datasheet HTML 38Page - Texas Instruments PCM3060PW.B Datasheet HTML 39Page - Texas Instruments PCM3060PW.B Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
www.ti.com
PCM3060
SLAS533B – MARCH 2007 – REVISED MARCH 2008
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 70
0
1
0
0
0
1
1
0
AT117
AT116
AT115
AT114
AT113
AT112
AT111
AT110
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 71
0
1
0
0
0
1
1
1
AT127
AT126
AT125
AT124
AT123
AT122
AT121
AT120
AT1x[7:0]: Digital Attenuation Level Setting (ADC)
where x = 1 or 2, corresponding to the ADC output L-ch part of DOUT (x = 1) or R-ch part of DOUT (x = 2).
Default value: 1101 0111b
AT1x[7:0]
DECIMAL VALUE
ATTENUATION LEVEL SETTING
1111 1111b
255
20 dB
1111 1110b
254
19.5 dB
1111 1101b
253
19 dB
:
:
:
1101 1000b
216
0.5 dB
1101 0111b
215
0 dB, no attenuation (default)
1101 0110b
214
–0.5 dB
:
:
:
0001 0000b
16
–99.5 dB
0000 1111b
15
–100 dB
0000 1110b
14
Mute
:
:
:
0000 0000b
0
Mute
Each ADC channel has a digital attenuator function with 20-dB gain. The attenuation level may be set from 20 dB
to –100 dB in 0.5-dB steps, and also may be set to infinite attenuation (mute). The attenuation level change from
the current value to the target value is performed by incrementing or decrementing one by 0.5-dB step at the
timing of zero-cross detection on the input signal which is sampled for every 1/fS time interval, or for every 8/fS
time interval if the zero-cross detection mode is disabled by ZCDD setting. If a zero-crossing is not detected for
512/fS, actual level change is done for every 1/fS time interval until a zero-crossing is detected again. While the
attenuation level change sequence is in progress, new commands for attenuation level change are not
processed, but the new command overwrites the previous command in the command buffer. The last command
for attenuation level change is performed after the present attenuation level change sequence is finished.
The attenuation level for each channel can be set individually using the following formula, and the above table
shows attenuation levels for various settings:
Attenuation level (dB) = 0.5
× (AT1x[7:0]
DEC – 215), where AT1x[7:0]DEC = 0 through 255 for AT1x[7:0]DEC = 0
through 14, the level is set to infinite attenuation (mute).
36
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com