Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3060PW.B Datasheet(PDF) 40 Page - Texas Instruments

Part # PCM3060PW.B
Description  24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM3060PW.B Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCM3060PW.B Datasheet HTML 36Page - Texas Instruments PCM3060PW.B Datasheet HTML 37Page - Texas Instruments PCM3060PW.B Datasheet HTML 38Page - Texas Instruments PCM3060PW.B Datasheet HTML 39Page - Texas Instruments PCM3060PW.B Datasheet HTML 40Page - Texas Instruments PCM3060PW.B Datasheet HTML 41Page - Texas Instruments PCM3060PW.B Datasheet HTML 42Page - Texas Instruments PCM3060PW.B Datasheet HTML 43Page - Texas Instruments PCM3060PW.B Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
www.ti.com
Application Examples for Analog Input and Output
a) Example of V
-biased buffering for 2-Vrms input with overvoltage protection.
COM
Input
+V
–V
–V
V X
IN
V
X+
OUT
V
X+
OUT
V
COM
V
X–
OUT
V
COM
R1
C1
R2
R3
C3
C2
b) Example of capless differential to single-ended converter with LPF and gain for 2-Vrms standard output.
+V
Output
R1
R2
R3
R4
R5
R7
R6
C1
C3
C2
c) Example of V
-biased single-supply single-ended application with LPF and MUTE control for 1-Vrms output.
COM
+V
Mute
ZEROx
Mute
Output
OR
R1
R2
R3
C1
C2
C3
C4
Example of C, Rvalueswith
gain(G)andcornerfrequency
R1: 20k
R2: 10 k
R3: 1k
C1: 10 F
C2: 330pF
C3: 0.1 F
G:0.5
f : 48 kHz
W
W
W
m
m
C
(f )
C
Example of C, Rvalues
R1,R2: 10k
R3,R4: 7.5 k
R5,R6: 820
R7:100
C1: 1500pF
C2,C3: 470pF
G:0.75(DifferentialtoS/E)
f : 54 kHz
W
W
W
W
C
with
gain(G)andcornerfrequency (f )
C
Example of C, Rvalues
R1: 10k
R2: 7.5 k
R3: 750
C1: 3300pF
C2: 470pF
C3: 0.1 F
C4:10 F
G:0.75
f : 54 kHz
W
W
W
m
m
C
with
gain(G)andcornerfrequency (f )
C
S0258-01
PCM3060
SLAS533B – MARCH 2007 – REVISED MARCH 2008
Figure 34. Application Examples for Analog Input and Output
40
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): PCM3060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com