Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LKX2E331MESA25 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LKX2E331MESA25
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LKX2E331MESA25 Datasheet(HTML) 1 Page - Nichicon corporation

  LKX2E331MESA25 Datasheet HTML 1Page - Nichicon corporation LKX2E331MESA25 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
Tangent of loss angle (tan δ)
Within ±20% of the initial capacitance value
LKX Snap-inTerminalType,ForAudioEquipment,
of Switching Power Supplies
In order to get high quality sound from 105°C standard series.
Selected materials to achieve superior acoustic sound.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Marking
Performance Characteristics
Item
–
40 to +105°C (200 • 250V), – 25 to + 105°C (400 • 450V)
200 to 450V
56 to 2200µF
± 20% at 120Hz, 20°C
Printed with gold color letter on black sleeve.
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated ripple
current is applied for 2000 hours at 105°C, the peak voltage
shall not exceed the rated voltage.
Endurance
Dimension table in next page.
Capacitance change
Leakage current
tan δ
Less than or equal to the initial specified value
200% or less than the initial specified value
Within ±15% of the initial capacitance value
After storing the capacitors under no load at 105°C for 1000
hours and then performing voltage treatment based on JIS C
5101-4 clause 4.1 at 20°C, they shall meet the specified
values for the endurance characteristics listed at right.
Shelf Life
Capacitance change
Leakage current
tan δ
Less than or equal to the initial specified value
150% or less than the initial specified value
Drawing
Type numbering system (Example : 400 V 120µF , Dia.φ25)
10±0
.1
2
×φ2±0.1
(PC board hole dimensions)
(Terminal dimensions)
1.5
0.8
+0.2
- 0.1
+0.2
-0.1
0.8+0.2
- 0.1
(10)
Polarity bar
Pressure relief vent
L ±2
6.3±1
Sleeve (PET)
10±0
.1
2
×φ2±0.1
(PC board hole dimensions)
(Terminal dimensions)
1.5
0.8
+0.2
- 0.1
+0.2
-0.
1
0.8+0.2
- 0.1
(10)
Polarity bar
Pressure relief vent
L±2
6.3±1
Sleeve (P.E.T.)
L
1
K
2
X
3
2
4
G
5
1
6
2
7
1
8
M
9
E
10
S A 2 5
11
12 13 14
Configuration
Case dia.code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (120µF)
Rated voltage (400V)
Series name
Type
φD
Code
20
Y
22
Z
25
A
30
B
35
C
Frequency coefficient of rated ripple current
200 to 250V
400 to 450V
50
0.81
0.77
60
0.85
0.82
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k or more
1.50
1.43
Coeff.
Frequency (Hz)
Measurement frequency : 120Hz
Z(–25°C) / Z(+20°C)
Z(–40°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio
(max.)
200 to 250
4
12
400 to 450
8
—
See refer to next page (Measurement frequency : 120Hz at 20°C)
I
(µA) (After 5 minutes' application of rated voltage at 20°C) [C : Rated Capacitance(µF), V : Voltage ( V ) ]
3 3V
3 3V
3 3V
CAT.8100N


Similar Part No. - LKX2E331MESA25

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LKX2E331MESA25 NICHICON-LKX2E331MESA25 Datasheet
97Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LKX2E331MESA25

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com