Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LKX2E331MESA25 Datasheet(PDF) 2 Page - Nichicon corporation

Part # LKX2E331MESA25
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LKX2E331MESA25 Datasheet(HTML) 2 Page - Nichicon corporation

  LKX2E331MESA25 Datasheet HTML 1Page - Nichicon corporation LKX2E331MESA25 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
200V (2D)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
Dimensions
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
20
×25
20
×30
22
×25
20
×35
20
×40
22
×30
25
×25
20
×45
22
×35
25
×30
20
×50
22
×40
25
×35
22
×45
25
×40
30
×30
35
×25
25
×45
30
×35
25
×50
30
×40
35
×30
30
×45
35
×35
30
×50
35
×40
35
×45
35
×50
0.90
0.99
0.99
1.20
1.31
1.31
1.31
1.48
1.48
1.48
1.60
1.60
1.60
1.75
1.75
1.75
1.75
2.04
2.04
2.30
2.30
2.30
2.65
2.65
2.80
2.80
3.08
3.48
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
LKX2D221MESY25
LKX2D271MESY30
LKX2D271MESZ25
LKX2D331MESY35
LKX2D391MESY40
LKX2D391MESZ30
LKX2D391MESA25
LKX2D471MESY45
LKX2D471MESZ35
LKX2D471MESA30
LKX2D561MESY50
LKX2D561MESZ40
LKX2D561MESA35
LKX2D681MESZ45
LKX2D681MESA40
LKX2D681MESB30
LKX2D681MESC25
LKX2D821MESA45
LKX2D821MESB35
LKX2D102MESA50
LKX2D102MESB40
LKX2D102MESC30
LKX2D122MESB45
LKX2D122MESC35
LKX2D152MESB50
LKX2D152MESC40
LKX2D182MESC45
LKX2D222MESC50
250V (2E)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
180
220
270
330
390
470
560
680
820
1000
1200
1500
20
×25
20
×30
22
×25
20
×35
22
×30
20
×40
22
×35
25
×25
20
×45
22
×40
25
×30
20
×50
22
×45
25
×35
30
×25
22
×50
25
×40
30
×30
35
×25
25
×50
30
×35
30
×40
35
×30
30
×45
35
×35
35
×40
35
×50
0.90
1.00
1.00
1.10
1.10
1.20
1.20
1.20
1.30
1.30
1.30
1.40
1.40
1.40
1.40
1.50
1.50
1.50
1.50
1.70
1.70
2.00
2.00
2.20
2.20
2.30
2.50
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
LKX2E181MESY25
LKX2E221MESY30
LKX2E221MESZ25
LKX2E271MESY35
LKX2E271MESZ30
LKX2E331MESY40
LKX2E331MESZ35
LKX2E331MESA25
LKX2E391MESY45
LKX2E391MESZ40
LKX2E391MESA30
LKX2E471MESY50
LKX2E471MESZ45
LKX2E471MESA35
LKX2E471MESB25
LKX2E561MESZ50
LKX2E561MESA40
LKX2E561MESB30
LKX2E561MESC25
LKX2E681MESA50
LKX2E681MESB35
LKX2E821MESB40
LKX2E821MESC30
LKX2E102MESB45
LKX2E102MESC35
LKX2E122MESC40
LKX2E152MESC50
Rated ripple current (Arms) at 105°C 120Hz
400V (2G)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
68
82
100
120
150
180
220
270
330
390
470
560
680
20
×25
20
×30
22
×25
20
×35
20
×35
22
×30
25
×25
20
×45
22
×35
25
×30
20
×50
22
×40
25
×35
22
×50
25
×40
30
×30
35
×25
25
×45
30
×35
25
×50
30
×40
35
×30
30
×45
35
×35
30
×50
35
×40
35
×45
35
×50
0.49
0.64
0.64
0.68
0.73
0.73
0.73
0.85
0.85
0.85
0.95
0.95
0.95
1.10
1.10
1.10
1.10
1.22
1.22
1.44
1.44
1.44
1.55
1.55
1.68
1.68
1.90
2.12
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
LKX2G680MESY25
LKX2G820MESY30
LKX2G820MESZ25
LKX2G101MESY35
LKX2G121MESY35
LKX2G121MESZ30
LKX2G121MESA25
LKX2G151MESY45
LKX2G151MESZ35
LKX2G151MESA30
LKX2G181MESY50
LKX2G181MESZ40
LKX2G181MESA35
LKX2G221MESZ50
LKX2G221MESA40
LKX2G221MESB30
LKX2G221MESC25
LKX2G271MESA45
LKX2G271MESB35
LKX2G331MESA50
LKX2G331MESB40
LKX2G331MESC30
LKX2G391MESB45
LKX2G391MESC35
LKX2G471MESB50
LKX2G471MESC40
LKX2G561MESC45
LKX2G681MESC50
450V (2W)
Rated ripple
(Arms)
tan δ
Code
Size
φD
× L(mm)
Cap.
(µF)
56
68
82
100
120
150
180
220
270
330
390
470
560
20
×25
20
×30
20
×35
22
×30
20
×40
22
×30
25
×25
20
×45
22
×35
25
×30
22
×45
25
×35
30
×25
22
×50
25
×40
30
×30
35
×25
25
×45
30
×35
30
×40
35
×30
30
×45
35
×35
35
×40
35
×45
35
×50
0.44
0.50
0.64
0.64
0.69
0.69
0.69
0.72
0.72
0.72
0.79
0.79
0.79
0.87
0.87
0.87
0.87
1.05
1.05
1.23
1.23
1.38
1.38
1.61
1.78
1.99
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
LKX2W560MESY25
LKX2W680MESY30
LKX2W820MESY35
LKX2W820MESZ30
LKX2W101MESY40
LKX2W101MESZ30
LKX2W101MESA25
LKX2W121MESY45
LKX2W121MESZ35
LKX2W121MESA30
LKX2W151MESZ45
LKX2W151MESA35
LKX2W151MESB25
LKX2W181MESZ50
LKX2W181MESA40
LKX2W181MESB30
LKX2W181MESC25
LKX2W221MESA45
LKX2W221MESB35
LKX2W271MESB40
LKX2W271MESC30
LKX2W331MESB45
LKX2W331MESC35
LKX2W391MESC40
LKX2W471MESC45
LKX2W561MESC50
LKX
CAT.8100N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com