Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LGR2G331MELC40 Datasheet(PDF) 1 Page - Nichicon corporation

Part # LGR2G331MELC40
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGR2G331MELC40 Datasheet(HTML) 1 Page - Nichicon corporation

  LGR2G331MELC40 Datasheet HTML 1Page - Nichicon corporation LGR2G331MELC40 Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
Performance Characteristics
Leakage Current
LGR Snap-inTerminalType, 105°CLongLifeAssurance
Long life assurance series withstanding 10000 hours
application of ripple current at 105°C.
Compliant of the RoHS directive (2011/65/EU,(EU)2015/863).
LGY
Long Life
LGR
Tangent of loss angle (tan δ)
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Stability at Low Temperature
Endurance
Shelf Life
Marking
Item
–
40 to +105°C (200
250V) , – 25 to +105°C (400
450V)
200 to 450V
39 to 1500µF
± 20% at 120Hz, 20°C
I
(µA) (After 5 minutes' application of rated voltage at 20°C) [C : Rated Capacitance (µF) V : Voltage (V)]
Printed with white color letter on black sleeve.
Measurement frequency : 120Hz at 20°C
Measurement frequency : 120Hz
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 10000 hours at 105°C, the
peak voltage shall not exceed the rated voltage.
After storing the capacitors under no load at 105°C for
1000 hours and then performing voltage treatment based
on JIS C 5101-4 clause 4.1 at 20°C,
they shall meet the requirements listed at right.
Rated voltage (V)
tan δ (max.)
200 to 400
0.15
450
0.20
Z(–25°C) / Z(+20°C)
Z(–40°C) / Z(+20°C)
Rated voltage (V)
Impedance ratio
(max.)
200
250
3
12
400
450
8
—
Capacitance change
Leakage current
tan δ
Within ± 25% of the initial capacitance value
Less than or equal to the initial specified value
250% or less than the initial specified value
Capacitance change
Leakage current
tan δ
Within ±15% of the initial capacitance value
Less than or equal to the initial specified value
150% or less than the initial specified value
3 CV
3 CV
3 CV
L
1
G
2
R
3
2
4
G
5
1
6
2
7
1
8
M
9
E
10
L
11
Z
12
4
13
0
14
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (120µF)
Rated voltage (400V)
Series name
Type
φD
22
25
30
35
Code
Z
A
B
C
Polarity bar
(10
)
L±2
4.0±0.5
Pressure relief vent
Sleeve (PET)
10
±0.1
2
×φ2±0.1
1.5
0.8
+0.2
-0.1
+0.
2
-0.1
0.8 +0.2
-0.1
Drawing
L
1
G
2
R
3
2
4
G
5
1
6
2
7
1
8
M
9
E
10
L
11
Z
12
4
13
0
14
Configuration
Case dia. code
Case length code
Capacitance tolerance (±20%)
Rated capacitance (120µF)
Rated voltage (400V)
Series name
Type
φD
22
25
30
35
Code
Z
A
B
C
Polarity bar
(10
)
L±2
4.0±0.5
Pressure relief vent
Sleeve (PET)
10
±0.1
2
×φ2±0.1
1.5
0.8
+0.2
-0.1
+0.
2
-0.1
0.8 +0.2
-0.1
Type numbering system (Example : 400V 120µF)
Dimension table in next page.
Frequency coefficient of rated ripple current
Frequency (Hz)
400 • 450V
Coeff.
50
60
120
300
1k
10k
50k or more
0.77
0.82
1.00
1.16
1.30
1.41
1.43
0.81
0.85
1.00
1.17
1.32
1.45
1.50
200 • 250V
Long Life
LGZ
Other terminations available upon request.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors.


Similar Part No. - LGR2G331MELC40

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LGR2D102MELB45 NICHICON-LGR2D102MELB45 Datasheet
58Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LGR2D102MELC35 NICHICON-LGR2D102MELC35 Datasheet
58Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LGR2D122MELB50 NICHICON-LGR2D122MELB50 Datasheet
58Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LGR2D122MELC40 NICHICON-LGR2D122MELC40 Datasheet
58Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LGR2D152MELC50 NICHICON-LGR2D152MELC50 Datasheet
58Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - LGR2G331MELC40

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com